FST3345
AI

## Overview of the FST3345
The **FST3345** is a high-speed CMOS 8-bit bus switch. It is designed to connect or isolate two data buses without adding significant propagation delay or generating additional ground bounce noise. It is commonly used in high-frequency signal routing and voltage level shifting applications.
### Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | 8-Bit Bus Switch |
| **Input/Output Pins** | 8 Ports (A to B) |
| **Propagation Delay** | < 0.25 ns (Negligible) |
| **On-Resistance ($R_{on}$)** | ~5 $\Omega$ (Typical) |
| **Operating Voltage ($V_{CC}$)** | 4.0V to 5.5V |
| **Control Input** | Output Enable ($\overline{OE}$) |
| **Package Types** | SOIC, QSOP, TSSOP |
---
### Internal Architecture and Operation
The FST3345 operates as a bi-directional bridge. It does not contain an internal clock or a buffer amplifier; instead, it uses an N-channel MOSFET as a pass transistor.
1. **The Pass Transistor:** When the device is enabled, the MOSFET connects Port A to Port B. Because the "ON" resistance is extremely low (typically 5 ohms), the signal passes through with minimal distortion.
2. **Control Logic ($\overline{OE}$):**
* **Low (0):** The switch is closed. Port A is connected to Port B.
* **High (1):** The switch is open. Port A and Port B are in a high-impedance (Hi-Z) state, effectively isolating the buses.
### Practical Applications
* **Bus Isolation:** Allows a processor to talk to multiple peripherals on the same bus without loading the bus when those peripherals are not in use.
* **Voltage Level Shifting:** Because it is an N-channel switch, it can be used to translate 5V signals down to 3.3V levels by limiting the $V_{CC}$ or using a diode to drop the gate voltage.
* **Hot-Swapping:** Protects sensitive components during live insertion of circuit boards by keeping the bus isolated until power is stable.
---
### Pinout Configuration (Standard 20-Pin)
| Pin Name | Function |
| :--- | :--- |
| **$\overline{OE}$** | Output Enable (Active Low) |
| **A1 - A8** | Port A Data Inputs/Outputs |
| **B1 - B8** | Port B Data Inputs/Outputs |
| **GND** | Ground |
| **$V_{CC}$** | Power Supply |
- ⤷
How does the FST3345 perform 5V to 3.3V level shifting?
- ⤷ What is the difference between FST3345 and a standard 74HC245 buffer?
- ⤷ What are the power consumption characteristics of this bus switch?