FST3345MTC
AI

## Overview of the FST3345MTC
The **FST3345MTC** is a high-speed CMOS 8-bit bus switch manufactured by Fairchild Semiconductor (now part of ON Semiconductor). It is designed to facilitate high-speed switching and signal isolation between components on a circuit board without introducing significant propagation delay.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | 8-bit Bus Switch |
| **Technology** | CMOS |
| **Supply Voltage ($V_{CC}$)** | 4.0V to 5.5V |
| **Propagation Delay** | < 0.25 ns (Negligible) |
| **ON-State Resistance ($R_{on}$)** | ~4 $\Omega$ (Typical) |
| **Package Type** | TSSOP-20 (MTC Suffix) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Pin Configuration and Functions
The FST3345 features an 8-bit path controlled by an Output Enable ($\overline{OE}$) pin.
| Pin Name | Description |
| :--- | :--- |
| **$A_0 - A_7$** | Port A inputs/outputs (Bi-directional) |
| **$B_0 - B_7$** | Port B inputs/outputs (Bi-directional) |
| **$\overline{OE}$** | Output Enable (Active LOW) |
| **$V_{CC}$** | Positive Power Supply |
| **GND** | Ground |
---
### 3. Functional Description
The FST3345 operates as a literal electronic switch. When the control signal is active, it creates a low-resistance path between the A and B ports.
* **Switch ON:** When $\overline{OE}$ is **LOW (0)**, the switch is closed. Port A is connected to Port B, allowing data to flow in either direction.
* **Switch OFF:** When $\overline{OE}$ is **HIGH (1)**, the switch is open. Port A and Port B are isolated (High-Impedance state).
#### Key Advantage: Near-Zero Delay
Because the device does not "buffer" the signal using transistors that regenerate the logic level, but rather acts as a pass-gate, it introduces virtually no timing delay to the data stream.
---
### 4. Typical Applications
* **Bus Isolation:** Isolating a loaded bus from the CPU to reduce capacitance and increase speed.
* **Voltage Level Translation:** If $V_{CC}$ is set to 5V, the device can be used to interface 5V signals with lower voltage logic (depending on the specific input/output configuration).
* **Hot-Plugging:** Protecting sensitive circuitry during the insertion of peripheral cards.
* **Signal Multiplexing:** Directing data paths between different memory modules or peripherals.
---
### 5. Package Information: TSSOP-20
The **MTC** suffix indicates the **Thin Shrink Small Outline Package (TSSOP)** with 20 pins. This is a surface-mount package characterized by a very small footprint and low profile, making it ideal for space-constrained mobile or embedded designs.
- ⤷How does the FST3345 differ from a standard 74-series buffer?
- ⤷ Can the FST3345 be used for 3.3V to 5V level shifting?
- ⤷ What are the power consumption characteristics of this bus switch?