FST3345WMX
AI

The **FST3345WMX** is a high-speed CMOS 8-bit bus switch produced by Fairchild Semiconductor (now part of ON Semiconductor). It is primarily used for signal routing, isolation, and voltage level shifting in high-performance computing and telecommunications systems.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of the FST3345WMX:
| Parameter | Specification |
| :--- | :--- |
| **Logic Family** | FST (Bus Switch) |
| **Number of Bits** | 8-Bit (Octal) |
| **Configuration** | 8:8 (Single Ended) |
| **Supply Voltage (Vcc)** | 4.0V to 5.5V |
| **On-Resistance (Ron)** | 4Ω (Typical) |
| **Propagation Delay** | 0.25 ns (Max) |
| **Package Type** | SOIC-20 (Wide) |
| **Operating Temperature** | -40°C to +85°C |
---
### ### Key Features
1. **Near-Zero Propagation Delay:** Because the device uses a simple NMOS pass transistor, it does not add significant timing delays to the high-speed bus.
2. **Low On-Resistance:** The 4Ω typical resistance ensures minimal signal distortion and voltage drop across the switch.
3. **Undershoot Hardened:** The internal circuitry is designed to handle signals that might briefly drop below ground level without triggering latch-up.
4. **Level Shifting:** It can be used to interface between 5V systems and 3.3V systems by limiting the output voltage through the Vcc supply.
---
### ### Pin Configuration and Functionality
The FST3345 utilizes an Output Enable (**OE**) pin to control the connection between the 'A' bus and the 'B' bus.
* **A0–A7:** Input/Output ports for Bus A.
* **B0–B7:** Input/Output ports for Bus B.
* **OE (Active Low):** When OE is LOW, the A and B ports are connected. When OE is HIGH, the switch is open (High-Impedance state).
---
### ### Typical Application Circuit
In a typical setup, the FST3345 acts as a bridge between two data buses. Below is a conceptual representation of how it is used for bus isolation:
```text
Vcc (5V)
|
[FST3345]
/-------\
A0--|S S|--B0
A1--|S S|--B1 <-- Low Ron Connection
... | |
A7--|S S|--B7
\-------/
|
/ \
[OE] --- (Control Signal: Low = Connect, High = Isolate)
```
---
### ### Usage Scenarios
* **Hot-Plugging:** Protecting sensitive circuitry by isolating the bus during the insertion of peripheral cards.
* **Bus Multiplexing:** Switching between different memory banks or I/O devices.
* **Voltage Translation:** Reducing a 5V TTL signal to a level compatible with 3.3V CMOS logic.
- ⤷
What is the difference between the FST3345 and the standard 74HC245 buffer?
- ⤷ How does the 'Undershoot Hardened' feature protect the circuit?
- ⤷ Can this IC be used for bi-directional data transmission?