FST3383MTC
AI

## FST3383MTC: Overview and Technical Specifications
The **FST3383MTC** is a high-speed CMOS 10-bit bus switch manufactured by Fairchild Semiconductor (now part of ON Semiconductor). It is primarily used for high-speed switching and voltage translation in digital systems.
---
### 1. General Description
The FST3383 provides 10 bits of high-speed CMOS TTL-compatible bus switching. The low ON resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise.
### 2. Key Specifications
The following table highlights the critical electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Logic Family** | FST (Bus Switch) |
| **Number of Channels** | 10-Bit |
| **Operating Voltage ($V_{CC}$)** | 4.0V to 5.5V |
| **ON Resistance ($R_{ON}$)** | 4Ω (Typical) |
| **Propagation Delay** | 0.25 ns (Max) |
| **Package Type** | TSSOP-24 (MTC Designator) |
| **Operating Temperature** | -40°C to +85°C |
---
### 3. Pin Configuration and Functions
The device is housed in a 24-pin Thin Shrink Small Outline Package (TSSOP).
* **$A_0 - A_9$:** Bus A inputs/outputs.
* **$B_0 - B_9$:** Bus B inputs/outputs.
* **$\overline{OE}$ (Output Enable):** When LOW, the switches are ON (A connected to B). When HIGH, the switches are in a high-impedance (Hi-Z) state.
* **GND / $V_{CC}$:** Power supply pins.
---
### 4. Technical Features
1. **Zero Propagation Delay:** Because it acts as a simple FET switch, it does not add the delay typically associated with buffer logic.
2. **Low Power Consumption:** Uses CMOS technology to ensure minimal static power draw.
3. **Undershoot Protection:** The architecture protects against signal undershoot, which is common in high-speed bus environments.
4. **Voltage Translation:** It can be used for 5V to 3.3V level translation by using a series resistor or by limiting the $V_{CC}$ level.
---
### 5. Common Applications
* **Bus Swapping:** Redirecting data between different bus segments.
* **Hot-Plugging:** Protecting circuitry during live insertion of cards.
* **Memory Interfacing:** High-speed switching between memory banks and CPUs.
* **Voltage Level Shifting:** Interfacing components with different logic levels.
---
- ⤷
What is the main difference between the FST3383 and a standard 74-series buffer?
- ⤷ How does the ON resistance affect signal integrity in high-speed designs?
- ⤷ Can the FST3383 be used for bidirectional data flow?