AI

## Overview of the FST3384 IC
The **FST3384** is a high-performance **10-bit Bus Switch** designed with CMOS technology. It is primarily used for high-speed switching and level shifting in computing and networking environments.
---
### 1. Pin Configuration and Internal Logic
The device consists of ten independent high-speed CMOS FET switches. It is typically organized as two banks of five switches.
| Pin Type | Description |
| :--- | :--- |
| **A0 - A9** | Data Inputs / Outputs (Port A) |
| **B0 - B9** | Data Inputs / Outputs (Port B) |
| **$\overline{OE}_1, \overline{OE}_2$** | Output Enable (Active LOW) |
| **Vcc** | Power Supply (Typically 5V) |
| **GND** | Ground |
---
### 2. Key Specifications
The electronic characteristics of the FST3384 make it ideal for low-latency applications.
* **Propagation Delay:** Practically zero (< 0.25ns). The device acts as a low-resistance wire when closed.
* **On-Resistance ($R_{on}$):** Typically **$5\Omega$**, ensuring minimal voltage drop across the switch.
* **Voltage Range:** Operates at a standard **5V Vcc**.
* **Off-State Leakage:** Very low, preventing power drain on inactive buses.
---
### 3. Operating Truth Table
The FST3384 is controlled by the Output Enable ($\overline{OE}$) pins. When $\overline{OE}$ is LOW, the switch is closed (ON). When HIGH, the switch is open (High-Impedance).
| $\overline{OE}_1$ | $\overline{OE}_2$ | A0-A4 Status | A5-A9 Status |
| :---: | :---: | :--- | :--- |
| L | L | Connected to B0-B4 | Connected to B5-B9 |
| L | H | Connected to B0-B4 | **High-Z** (Disconnected) |
| H | L | **High-Z** (Disconnected) | Connected to B5-B9 |
| H | H | **High-Z** (Disconnected) | **High-Z** (Disconnected) |
---
### 4. Primary Applications
The FST3384 is frequently used in the following electronic circuits:
1. **5V to 3.3V Level Shifting:** By placing a diode in series with Vcc or using specific biasing, the FST3384 can protect 3.3V components from 5V signals.
2. **Bus Isolation:** Used to "hot-swap" components by isolating a daughterboard from a main system bus.
3. **Signal Multiplexing:** Allowing multiple data sources to share a single bus path without signal interference.
---
### 5. Simple Implementation Example
In a digital circuit, the FST3384 is wired directly between two buses.
```c
// Conceptual Logic for controlling FST3384 via an MCU
void selectBus(bool enable) {
if (enable) {
digitalWrite(OE_PIN, LOW); // Switches are ON, data flows A <-> B
} else {
digitalWrite(OE_PIN, HIGH); // Switches are OFF, Hi-Z state
}
}
```
- ⤷
What is the maximum current capacity per switch for the FST3384?
- ⤷ How does the FST3384 achieve near-zero propagation delay?
- ⤷ Can the FST3384 be used for analog signal switching?