FST4015
AI

## Electronic Overview of FST4015
The **FST4015** is a high-performance **Common Cathode Schottky Rectifier Module**. It is primarily designed for high-frequency switching power supplies, free-wheeling diodes, and polarity protection applications where low forward voltage drop and high efficiency are critical.
---
### 1. Key Specifications
The FST4015 is categorized as a "Power Tap" module, often housed in a rugged, low-profile package.
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Max Average Forward Current** | $I_{F(AV)}$ | 400 (200 per leg) | Amperes |
| **Max Repetitive Reverse Voltage** | $V_{RRM}$ | 150 | Volts |
| **Max Forward Voltage Drop** | $V_F$ | ~0.80 - 0.95 | Volts |
| **Max Surge Current (8.3ms)** | $I_{FSM}$ | 2500 | Amperes |
| **Operating Temperature** | $T_j$ | -55 to +175 | °C |
---
### 2. Internal Configuration
The FST4015 typically features a **Common Cathode** arrangement. This means the module contains two separate Schottky diodes that share a single output terminal (the cathode).
* **Terminal 1:** Anode 1
* **Terminal 2:** Common Cathode (Output)
* **Terminal 3:** Anode 2
This dual-diode setup is ideal for **Full-Wave Rectification** in center-tapped transformer circuits.
---
### 3. Core Features
* **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction to achieve extremely fast switching speeds and low power loss.
* **Low Thermal Resistance:** The package is designed to be bolted directly to a heatsink, ensuring stable operation at high currents.
* **Guard Ring Protection:** Includes internal guard rings for stress protection and long-term reliability against high voltage transients.
* **High Frequency Operation:** Unlike standard recovery diodes, the Schottky structure allows for operation in the hundreds of kilohertz (kHz) range.
---
### 4. Typical Applications
The FST4015 is commonly found in industrial and heavy-duty electronics:
1. **Switching Power Supplies (SMPS):** Used on the secondary side of high-power converters.
2. **Battery Chargers:** Efficient rectification for high-current charging systems.
3. **OR-ing Diodes:** Used in redundant power supply systems to prevent backflow.
4. **Reverse Polarity Protection:** Protecting large DC motors or inverter systems from incorrect wiring.
---
### 5. Installation Note
Because the FST4015 handles up to 400 Amps, **Thermal Management** is the most critical aspect of the electronic design. The module must be mounted with high-quality thermal interface material (TIM) to a large aluminum or copper heatsink to prevent thermal runaway.
- ⤷
What is the difference between the FST4015 and a standard silicon rectifier in terms of efficiency?
- ⤷ How do you wire the FST4015 for a full-wave bridge rectifier circuit?
- ⤷ What are the specific cooling requirements for running the FST4015 at its maximum 400A capacity?