FST4050
AI

The **FST4050** is a specific type of power semiconductor component, commonly known as a **Schottky Barrier Rectifier**. It is typically housed in a rugged TO-249 (or similar) package and is designed for high-frequency switching and power rectification.
---
### ## 1. Technical Specifications
The part number "4050" usually denotes its primary ratings: **40 Amps** and **50 Volts**.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Schottky Barrier Diode (Dual Center Tap) |
| **Continuous Forward Current ($I_F$)** | 40 Amps |
| **Peak Reverse Voltage ($V_{RRM}$)** | 50 Volts |
| **Forward Voltage Drop ($V_F$)** | ~0.55V to 0.70V (Typical) |
| **Operating Temperature** | -55°C to +150°C |
| **Package Style** | TO-249 / PowerTab |
---
### ## 2. Internal Configuration
The FST4050 is generally a **Common Cathode** dual diode. This means there are two diodes inside a single package sharing a middle terminal.
* **Pin 1:** Anode 1
* **Pin 2:** Common Cathode (Output)
* **Pin 3:** Anode 2
This configuration is ideal for **Full-Wave Rectification** in switch-mode power supplies.
---
### ## 3. Key Electronic Characteristics
The FST4050 is chosen for its specific physics-based advantages over standard silicon diodes:
* **Low Forward Voltage ($V_F$):** Unlike standard diodes (~0.7V - 1.1V), the Schottky barrier allows for a lower voltage drop. This results in less heat generation and higher efficiency.
* **Fast Switching:** Because it is a majority carrier device, it has negligible reverse recovery time ($t_{rr}$). This makes it perfect for high-speed switching circuits (frequencies > 100kHz).
* **Guard Ring Protection:** Most FST series diodes include an internal guard ring for stress protection and to minimize the risk of reverse transient damage.
---
### ## 4. Common Applications
Due to its high current capacity and low losses, you will find the FST4050 in:
1. **Switching Power Supplies (SMPS):** Used on the secondary side of the transformer for rectification.
2. **OR-ing Diodes:** In redundant power systems to prevent back-feeding.
3. **Free-Wheeling Diodes:** Protecting circuits from inductive spikes in motor controllers.
4. **Battery Chargers:** Efficiently converting AC to DC with minimal energy loss.
---
- ⤷
What are the main differences between the FST4050 and a standard silicon rectifier like the 1N5408?
- ⤷ How does the common cathode configuration simplify PCB design in power supplies?
- ⤷ What heat dissipation methods are recommended for a 40A Schottky diode?