FST4060
AI

The **FST4060** is a specific type of power semiconductor component, typically a **Schottky Barrier Rectifier**. It is designed for high-frequency switching applications where low power loss and high efficiency are critical.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
The FST4060 usually comes in a specialized package (like the TO-249 or similar power modules) containing two Schottky diodes in a **Common Cathode** configuration. This allows it to handle significantly higher currents than standard discrete diodes.
### 2. Technical Specifications
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Max Recurrent Peak Reverse Voltage** | $V_{RRM}$ | 60 | Volts (V) |
| **Maximum RMS Voltage** | $V_{RMS}$ | 42 | Volts (V) |
| **Max Average Forward Rectified Current** | $I_{F(AV)}$ | 40 | Amperes (A) |
| **Peak Forward Surge Current (8.3ms)** | $I_{FSM}$ | 400 - 600 | Amperes (A) |
| **Maximum Forward Voltage Drop** | $V_F$ | 0.70 - 0.75 | Volts (V) |
| **Operating Junction Temperature** | $T_J$ | -55 to +150 | °C |
---
### 3. Key Electronic Features
* **Schottky Barrier Technology:** Unlike standard PN junction diodes, Schottky diodes use a metal-to-semiconductor junction. This results in a much lower forward voltage drop ($V_F$) and ultra-fast switching speeds.
* **Guard Ring Protection:** Most FST series rectifiers include an internal guard ring for transient protection and to minimize stress on the junction.
* **Common Cathode Configuration:** The device usually consists of two 20A diodes sharing a center tap (cathode), providing a total capacity of 40A.
* **Low Thermal Resistance:** Designed with a large metal baseplate to facilitate efficient heat transfer to a heatsink.
---
### 4. Common Applications
Due to its high current capacity and fast switching, the FST4060 is commonly found in:
1. **Switching Power Supplies (SMPS):** Used in the output rectification stage.
2. **Battery Chargers:** Efficiently directing current while minimizing heat.
3. **Free-Wheeling Diodes:** Protecting circuits from inductive "kickback" in motor controllers.
4. **Solar Panels:** Used as bypass or blocking diodes to prevent reverse current flow.
---
### 5. Circuit Symbol & Internal Logic
```text
Anode 1 (Pin 1) ----|>|----|
|---- Cathode (Base/Pin 2)
Anode 2 (Pin 3) ----|>|----|
```
- ⤷
What are the main advantages of using a Schottky diode like the FST4060 over a standard rectifier?
- ⤷ How should a heatsink be sized for an FST4060 operating at its maximum 40A current?
- ⤷ Are there pin-compatible alternatives to the FST4060 for higher voltage requirements?