Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST5040

  • AI
    The **FST5040** (often referred to under the full part number **FST5040M**) is a high-power, common-cathode **Schottky Barrier Rectifier** module. It is primarily designed for high-frequency rectification and power management in industrial environments. --- ## 1. Technical Specifications The device is characterized by its ability to handle high currents with minimal voltage drop. | Feature | Specification | | :--- | :--- | | **Configuration** | Common Cathode (Dual Diode) | | **Max Average Forward Current ($I_{F(AV)}$)** | 50 Amperes | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 40 Volts | | **Max Forward Voltage Drop ($V_F$)** | ~0.55V to 0.70V (at rated current) | | **Operating Temperature Range** | -55°C to +150°C | | **Package Type** | TO-244 or similar high-power modules | --- ## 2. Key Electronic Components & Features ### A. Schottky Barrier Technology Unlike standard silicon diodes that use a P-N junction, the FST5040 uses a **metal-to-semiconductor contact**. * **Low Forward Voltage:** This results in lower power dissipation, making it highly efficient. * **Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), which is critical for high-speed switching power supplies. ### B. Common Cathode Configuration The module typically contains two diodes sharing a single cathode connection. This internal layout is highly beneficial for: * **Full-wave rectification** in center-tap transformers. * **OR-ing circuits** for redundant power supplies. ### C. Guard Ring Protection Most FST series rectifiers include an internal **Guard Ring** for transient protection. This provides: * Increased ruggedness against high $dv/dt$ (rate of voltage change). * Better long-term reliability against voltage spikes. --- ## 3. Typical Applications Due to its high current capacity and low loss, the FST5040 is found in: 1. **Switching Mode Power Supplies (SMPS):** Used in the output stage to convert high-frequency AC to DC. 2. **Battery Chargers:** Efficiently handles high charging currents without excessive heat. 3. **Free-Wheeling Diodes:** Protects circuits from inductive kicks in motor drives. 4. **Solar Inverters:** Used in solar arrays to prevent reverse current flow. --- ## 4. Typical Internal Schematic ```mermaid graph LR Anode1((Anode 1)) --> Diode1[|>] Anode2((Anode 2)) --> Diode2[|>] Diode1 --> CommonCathode{Common Cathode} Diode2 --> CommonCathode ```
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for the FST5040 at 50A?
    • ⤷ How does the FST5040 compare to a standard silicon diode in terms of efficiency?
    • ⤷ Can the FST5040 be used in 220V AC rectification circuits?