Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST5045

  • AI
    The **FST5045** is a high-power Schottky Barrier Rectifier Diode designed primarily for high-frequency switching power supplies, converters, and freewheeling diode applications. It is commonly found in industrial power modules. ### 1. Key Technical Specifications The part number usually denotes its primary ratings: **50 Amps** and **45 Volts**. | Feature | Specification | | :--- | :--- | | **Type** | Schottky Barrier Rectifier | | **Configuration** | Common Cathode (Dual Diode) | | **Max Average Forward Current ($I_{F(AV)}$)** | 50 Amps (25A per leg) | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 45 Volts | | **Forward Voltage Drop ($V_F$)** | ~0.60V to 0.70V (at rated current) | | **Operating Temperature** | -55°C to +150°C | | **Package Type** | TO-249 / MiniMod / Similar Isak Pack | --- ### 2. Functional Characteristics * **Schottky Technology:** Unlike standard PN junction diodes, Schottky diodes use a metal-to-semiconductor junction. This results in a much lower forward voltage drop and extremely fast switching speeds. * **Low Power Loss:** Because of the low $V_F$, it generates less heat and improves the overall efficiency of the power supply. * **Guard Ring Protection:** Most FST series diodes include an internal guard ring for stress protection and high $dv/dt$ capability (protection against rapid voltage changes). * **Common Cathode Design:** It typically contains two diode chips inside one package connected at the cathode, allowing it to act as a full-cycle rectifier when paired with another module or a center-tapped transformer. --- ### 3. Pin Configuration and Internal Logic In the standard TO-249 or module package, the wiring is usually represented as follows: ```text [ Terminal 1 ] ------>|------- [ Terminal 2 ] (Anode 1) | (Common Cathode) | [ Terminal 3 ] ------>|---| (Anode 2) ``` --- ### 4. Common Applications * **Switching Power Supplies (SMPS):** Used in the output rectification stage. * **Battery Chargers:** Prevents reverse current flow and handles high charging currents. * **Solar Inverters:** Used as bypass diodes or in DC-DC conversion stages. * **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails.
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using a Schottky diode like the FST5045 over a standard recovery diode?
    • ⤷ How does the common cathode configuration simplify circuit design in power converters?
    • ⤷ What heat dissipation measures are required when running the FST5045 at its full 50A capacity?