Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST5050

  • AI
    ## Overview of the FST5050 Electronic Component The **FST5050** is a specific type of power semiconductor, typically categorized as a **Schottky Barrier Rectifier**. It is designed for high-frequency switching and power rectification applications where low forward voltage drop and fast recovery times are critical. --- ### 1. Key Technical Specifications The model number "5050" usually denotes its primary ratings: **50 Amps** and **50 Volts**. Below is a summary of its typical electronic characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Max Average Rectified Current ($I_o$)** | 50 A | Total current capacity across the device. | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 50 V | Maximum voltage it can block in reverse. | | **Forward Voltage Drop ($V_F$)** | ~0.55V - 0.70V | The voltage lost across the diode when conducting. | | **Max Surge Current ($I_{FSM}$)** | 400A - 600A | Ability to handle brief spikes in current. | | **Operating Temperature Range** | -55°C to +150°C | Thermal limits for safe operation. | --- ### 2. Internal Configuration The FST5050 is often found in a **Common Cathode** configuration. This means the device contains two internal diode chips sharing a single cathode connection. * **Pin 1:** Anode 1 * **Pin 2:** Common Cathode (Connected to the base/case) * **Pin 3:** Anode 2 --- ### 3. Physical Packaging Due to the high current (50A) handling, these parts are usually housed in robust, heat-dissipating packages. * **TO-249 (Standard):** A large, bolt-down metal case for excellent thermal conductivity. * **TO-220 / TO-247:** Occasionally used in lower-profile variations, though less common for the full 50A rating. --- ### 4. Applications in Electronics The FST5050 is predominantly used in power management circuits: 1. **Switching Power Supplies (SMPS):** Used on the secondary side of transformers to rectify high-frequency AC to DC. 2. **Battery Chargers:** Efficiently directing current into batteries while preventing backflow. 3. **Solar Panels:** Serving as bypass or blocking diodes to prevent reverse current during shading. 4. **DC-DC Converters:** Providing low-loss rectification for voltage regulation. --- ### 5. Why Choose FST5050? * **Low Power Loss:** The Schottky technology ensures a lower forward voltage compared to standard silicon diodes, leading to higher efficiency. * **High Speed:** Virtually instantaneous switching speeds, making it ideal for high-frequency circuits. * **High Current Density:** Provides a large current capacity in a relatively compact footprint.
    ✨ Follow-up Questions
    • ⤷ How does the FST5050 compare to a standard silicon rectifier in terms of efficiency?
    • ⤷ What type of heatsink is recommended for a 50A load on this device?
    • ⤷ Can the two internal diodes be wired in parallel to increase current capacity?