FST5080
AI

The **FST5080** typically refers to a high-power Schottky Barrier Rectifier module, commonly used in industrial power supplies and automotive applications. It is designed for high-frequency switching and low power loss.
---
### 1. Key Technical Specifications
The part number usually follows a standard naming convention where "50" represents the current and "80" represents the voltage rating.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Average Rectified Current ($I_F$)** | 50 Amps | Maximum continuous current per device. |
| **Peak Reverse Voltage ($V_{RRM}$)** | 80 Volts | Maximum repetitive peak reverse voltage. |
| **Forward Voltage Drop ($V_F$)** | ~0.70V - 0.75V | Low voltage drop for increased efficiency. |
| **Operating Temperature** | -55°C to +150°C | Wide range for industrial environments. |
| **Package Type** | TO-249 / TO-3P / SOT-227 | Varies by manufacturer (e.g., Microsemi, GeneSiC). |
---
### 2. Internal Electronic Structure
The FST5080 is a **Schottky Diode**. Unlike standard P-N junction diodes, it utilizes a metal-to-semiconductor junction.
* **Majority Carrier Device:** It relies on electrons rather than holes, leading to extremely fast switching speeds.
* **Minimal Reverse Recovery Time ($t_{rr}$):** Since there is no minority carrier recombination, the recovery time is negligible, making it ideal for high-speed switching power supplies (SMPS).
* **Common Configuration:** Often sold as a "Dual Diode" (Common Cathode or Common Anode), allowing it to act as a full-wave rectifier in a single package.
---
### 3. Applications
Due to its high current handling and low thermal resistance, the FST5080 is found in the following circuits:
1. **Switching Power Supplies:** Used on the output stage to convert AC to DC with minimal heat loss.
2. **Free-Wheeling Diodes:** Protects circuits from inductive spikes in motor controllers.
3. **Battery Chargers:** Efficiently handles high charging currents for large battery banks.
4. **Solar Inverters:** Used in bypass or blocking applications to prevent reverse current flow.
---
### 4. Circuit Symbol and Connection
In a standard 3-pin package (Common Cathode):
* **Pin 1:** Anode 1
* **Pin 2:** Cathode (Case/Common)
* **Pin 3:** Anode 2
```text
(Anode 1) --|>|--+--|<|-- (Anode 2)
|
(Cathode)
```
- ⤷
What are the cooling requirements for an FST5080 operating at full 50A load?
- ⤷ How does the FST5080 compare to a standard silicon rectifier in terms of efficiency?
- ⤷ Can the FST5080 be used in parallel to increase current capacity?