Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST5535

  • AI
    ## Overview of the FST5535 The **FST5535** (often associated with the **FST5535-S** or similar series) is an advanced **Active Matrix Organic Light-Emitting Diode (AMOLED)** display controller or driver module, frequently used in high-resolution wearable technology (smartwatches) and small-scale portable electronics. --- ### Core Specifications The following table outlines the typical technical parameters associated with this electronic component series: | Parameter | Specification | | :--- | :--- | | **Display Type** | AMOLED (Active Matrix OLED) | | **Resolution** | Commonly 390 x 390 or 454 x 454 pixels | | **Interface** | SPI / QSPI / MIPI (depending on version) | | **Operating Voltage** | 1.8V (Logic) / 2.8V - 3.3V (Analog) | | **Color Depth** | 16.7M Colors (24-bit) | | **Driver IC** | Integrated within the FPC (Flexible Printed Circuit) | --- ### Key Electronic Sub-Components The FST5535 is not a single transistor but a complex assembly consisting of several electronic parts: #### 1. The Driver IC (Integrated Circuit) This is the "brain" of the module. It translates digital signals from the microprocessor (MCU) into analog voltages required to light up the individual organic LEDs. It manages: * **Gamma Correction:** Ensuring color accuracy. * **Scan Control:** Timing the activation of rows and columns. #### 2. Flexible Printed Circuit (FPC) The FPC acts as the nervous system. It is a thin, flexible substrate that carries: * **Copper Traces:** Delivering power and data. * **SMD Components:** Tiny capacitors and resistors used for noise filtering and voltage stabilization. #### 3. Power Management Circuits AMOLEDs require specific voltage levels to operate efficiently. The FST5535 assembly usually incorporates: * **DC-DC Converters:** To step up or step down the battery voltage. * **Charge Pumps:** Often used to generate the high negative/positive voltages required for the OLED pixels to emit light. --- ### Common Pin Configuration While specific pinouts vary by manufacturer, a standard FST5535 interface includes: * **VCI / VDD:** Power supply for the analog and digital circuits. * **GND:** Common ground. * **SDI / SDO:** Serial Data Input/Output for communication. * **SCL:** Serial Clock signal. * **RESX:** Hardware reset pin. * **TE (Tearing Effect):** A synchronization signal to prevent screen "tearing" during high-speed updates. --- ### Application Usage These parts are predominantly found in: 1. **Smartwatches:** Due to the deep blacks and low power consumption of OLED technology. 2. **IoT Devices:** Small handheld scanners or smart home controllers requiring high-contrast UI. 3. **Medical Monitors:** Portable pulse oximeters or diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption differences between the FST5535 and standard LCD modules?
    • ⤷ Can you provide the specific MIPI DSI initialization sequence for this driver?
    • ⤷ What are the common failure modes for the FPC connector on these OLED modules?