Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST6040

  • AI
    The **FST6040** is a specific type of power semiconductor component, typically a **Schottky Barrier Diode Module** designed for high-power rectification and industrial applications. --- ## 1. Core Technical Specifications The model name "6040" usually indicates its primary electrical ratings: **60 Amps** of current and **40 Volts** of peak reverse voltage. | Parameter | Value (Typical) | Description | | :--- | :--- | :--- | | **Average Rectified Current ($I_F$)** | 60 Amps | The continuous forward current capacity. | | **Max Peak Reverse Voltage ($V_{RRM}$)** | 40 Volts | The maximum voltage it can block in reverse. | | **Configuration** | Dual Diode (Common Cathode) | Often contains two diodes in one package. | | **Technology** | Schottky Barrier | Metal-semiconductor junction for fast switching. | | **Forward Voltage Drop ($V_F$)** | ~0.55V - 0.70V | Low voltage loss compared to standard diodes. | --- ## 2. Key Features * **Low Forward Voltage:** Because it is a Schottky diode, it has a lower voltage drop than standard silicon diodes, leading to higher efficiency and less heat generation. * **High Speed:** Schottky diodes have negligible reverse recovery time, making them ideal for high-frequency switching. * **Guard Ring Protection:** Most industrial modules include a guard ring for stress protection and high $dv/dt$ capability. * **Isolated Baseplate:** The internal chips are usually electrically isolated from the metal mounting base, allowing multiple modules to be mounted on the same heatsink. --- ## 3. Physical Package: TO-249 (or similar) The FST6040 usually comes in a specialized power package designed for heavy-duty mounting. * **Terminals:** Usually features three pins/terminals. In a common cathode setup, the center pin is the shared cathode, and the outer pins are the individual anodes. * **Mounting:** Designed to be bolted directly to a heatsink to dissipate the heat generated by 60A of current. --- ## 4. Common Applications Due to its high current and low voltage drop, it is frequently used in: 1. **Switching Power Supplies (SMPS):** Secondary side rectification. 2. **Battery Chargers:** Preventing reverse current flow with minimal power loss. 3. **Solar Panels:** Used as bypass diodes or to prevent battery discharge. 4. **Converters:** DC-to-DC converters requiring high efficiency.
    ✨ Follow-up Questions
    • ⤷ What is the difference between FST6040 and a standard silicon diode?
    • ⤷ How should I calculate the heatsink requirements for an FST6040 at 50A?
    • ⤷ Can the FST6040 be used in AC to DC bridge rectifiers?