Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST6280SL

  • AI
    The **FST6280SL** is a specific electronic component, typically categorized as a **High-Power Schottky Barrier Rectifier**. It is widely used in power management circuits due to its ability to handle high currents while maintaining a low forward voltage drop. --- ### 1. Key Technical Specifications The following table highlights the typical electrical characteristics of the FST6280SL: | Parameter | Value | | :--- | :--- | | **Component Type** | Schottky Barrier Diode (Dual Center Tap) | | **Max Average Forward Current ($I_F$)** | 60A (30A per leg) | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 80V | | **Max Forward Voltage Drop ($V_F$)** | ~0.75V (at $I_F$ = 30A) | | **Operating Temperature Range** | -55°C to +150°C | | **Package Type** | TO-247 / TO-3P (Standard Power Package) | --- ### 2. Functional Description The FST6280SL is designed as a **common cathode** dual-diode. This means it contains two diodes inside one package, sharing a central terminal (the cathode). #### Main Electronic Roles: * **Rectification:** Converting AC (Alternating Current) to DC (Direct Current) in high-power environments. * **Freewheeling:** Used in motor control circuits to protect against voltage spikes when current is interrupted. * **ORing Diode:** Used in redundant power supplies to combine multiple power sources without backfeeding. --- ### 3. Advantages and Applications Due to its Schottky construction, this part offers specific performance benefits over standard silicon diodes. #### Advantages: 1. **High Efficiency:** The low forward voltage ($V_F$) results in less power loss as heat. 2. **Ultra-Fast Switching:** Schottky diodes have negligible reverse recovery time, making them ideal for high-frequency switching power supplies (SMPS). 3. **High Current Density:** Capable of handling up to 60A, suitable for industrial applications. #### Common Applications: * **Switching Mode Power Supplies (SMPS)** * **DC-DC Converters** * **Solar Panel Bypass Diodes** * **Battery Chargers** * **Inverters** --- ### 4. Typical Pin Configuration The device usually follows the standard 3-pin power package layout: ```text Pin 1: Anode (Diode 1) Pin 2: Common Cathode (Connected to Case/Heat Sink) Pin 3: Anode (Diode 2) ```
    ✨ Follow-up Questions
    • ⤷What is the thermal resistance rating of the FST6280SL?
    • ⤷ Can the FST6280SL be used in 220V AC rectification?
    • ⤷ What are the recommended heat sink mounting practices for this package?