Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST6340M

  • AI
    ## Overview of the FST6340M The **FST6340M** is a high-performance power semiconductor module, specifically a **Schottky Barrier Diode Module**. It is designed for high-frequency switching and low power loss applications, typically used in industrial power supplies and converters. --- ### Technical Specifications The following table summarizes the key electrical and thermal characteristics of the FST6340M: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Maximum Recurrent Peak Reverse Voltage** | $V_{RRM}$ | 40V | | **Maximum RMS Voltage** | $V_{RMS}$ | 28V | | **Maximum DC Blocking Voltage** | $V_{DC}$ | 40V | | **Average Forward Rectified Current** | $I_{F(AV)}$ | 60A (30A per leg) | | **Peak Forward Surge Current** | $I_{FSM}$ | 400A | | **Maximum Forward Voltage Drop** (at 30A) | $V_F$ | 0.65V | | **Operating Junction Temperature** | $T_j$ | -55 to +150 °C | --- ### Key Features and Internal Configuration The FST6340M is generally configured as a **Common Cathode** dual diode module. This means it contains two Schottky diodes sharing a single output terminal. 1. **Low Forward Voltage Drop:** By utilizing Schottky technology, the device minimizes power dissipation during the "on" state. 2. **High-Speed Switching:** It has negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency applications. 3. **Isolated Mounting Base:** The internal chips are electrically isolated from the metal baseplate, allowing multiple modules to be mounted on the same heatsink without short-circuiting. 4. **Guard Ring Protection:** Includes an internal guard ring for stress protection and long-term reliability against high voltage transients. --- ### Common Applications Because of its high current capacity and low loss profile, the FST6340M is found in: * **Switching Mode Power Supplies (SMPS):** Used in the output rectification stage. * **DC-DC Converters:** Providing efficient energy transfer in industrial converters. * **Battery Chargers:** Acting as a reverse polarity protection or rectification component. * **Free Wheeling Diodes:** Used in motor control circuits to protect against inductive spikes. --- ### Mechanical Considerations The device usually comes in a specialized power module package (often a TO-249 or similar "mini-block" variation). * **Thermal Management:** Due to the 60A current rating, the module must be mounted to an adequate heatsink using thermal paste. * **Torque:** When mounting and connecting terminals, specific torque requirements must be met to ensure electrical contact without cracking the ceramic internal structure.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a Schottky diode and a standard PN junction diode in power applications?
    • ⤷ How do I calculate the heat dissipation requirements for the FST6340M at full load?
    • ⤷ Is there a direct equivalent or substitute for the FST6340M in modern designs?