Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST6345M

  • AI
    ### Overview of the FST6345M The **FST6345M** is a high-performance, high-voltage power semiconductor module, specifically classified as a **Schottky Barrier Diode Rectifier**. It is typically housed in a low-profile, "Half-Pack" or "Dual-Diode" package, designed for heavy-duty industrial power supply applications. --- ### Key Technical Specifications The performance of the FST6345M is defined by its ability to handle high currents with minimal voltage drops. | Parameter | Value (Typical) | Description | | :--- | :--- | :--- | | **Average Rectified Current ($I_F$)** | 60A - 80A | Total current capacity across the module. | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 45V | Peak voltage it can block in the reverse direction. | | **Forward Voltage Drop ($V_F$)** | ~0.60V | Low voltage loss during conduction. | | **Operating Temperature Range** | -55°C to +150°C | Thermal limits for safe operation. | | **Configuration** | Common Cathode | Two diodes sharing a center terminal. | --- ### Internal Structure and Features The FST6345M utilizes **Schottky technology**, which differs from standard PN-junction diodes in several ways: 1. **Metal-Semiconductor Junction:** Instead of a P-type and N-type silicon junction, it uses a metal-silicon barrier. This results in a much faster switching speed and lower forward voltage. 2. **Guard Ring Protection:** Most "FST" series modules include a guard ring for transient protection, which improves reliability against high-voltage spikes (dV/dt). 3. **Low Thermal Resistance:** The module is designed to be bolted directly to a heatsink. The baseplate is usually isolated or optimized for heat dissipation to prevent thermal runaway. --- ### Typical Applications Because of its high efficiency and fast recovery time, the FST6345M is commonly used in the following electronic systems: * **Switching Mode Power Supplies (SMPS):** Used for output rectification to convert AC to DC with minimal energy loss. * **Battery Chargers:** High-current handling makes it ideal for industrial-grade chargers. * **OR-ing Diodes:** Used in redundant power supply systems to prevent backflow from one power source to another. * **Free-Wheeling Diodes:** Used in motor control circuits to protect components from inductive voltage spikes. --- ### Pin Configuration (Common Cathode) The module typically features three main terminals: * **Terminal 1:** Anode (Diode 1) * **Terminal 2:** Common Cathode (Output) * **Terminal 3:** Anode (Diode 2) ---
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for the FST6345M at maximum load?
    • ⤷ How does a Schottky diode differ from a standard recovery diode in high-frequency circuits?
    • ⤷ Can the FST6345M be used in a full-bridge rectifier configuration?