Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST6435

  • AI
    The **FST6435** (often associated with the prefix "Si" as in Si6435 or similar P-Channel MOSFET families) is a power electronic component typically used for switching and power management. Based on industry standards for this part number, it is a **P-Channel Enhancement Mode Field Effect Transistor (MOSFET)**. --- ### ## Technical Specifications Below are the typical electrical characteristics for a MOSFET in this category: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DS}$)** | Maximum voltage across drain and source | -30V | | **Gate-Source Voltage ($V_{GS}$)** | Maximum control voltage | ±20V | | **Continuous Drain Current ($I_D$)** | Maximum current flow at $25^\circ C$ | -4.0A to -5.5A | | **On-Resistance ($R_{DS(on)}$)** | Resistance when fully turned on | ~40-60 mΩ | | **Package Type** | Physical housing | TSOP-6 / SO-8 | --- ### ### Key Internal Parts & Operation The FST6435 functions as a voltage-controlled switch. It consists of three main terminals: 1. **Gate (G):** The control terminal. Because it is a **P-Channel** device, it turns **ON** when the Gate voltage is significantly lower (more negative) than the Source voltage. 2. **Source (S):** Usually connected to the positive supply rail in P-channel configurations. 3. **Drain (D):** Connected to the load. 4. **Body Diode:** An intrinsic parasitic diode exists between the Drain and Source, which allows current to flow in one direction even when the gate is off. --- ### ### Typical Applications The FST6435 is designed for high-efficiency applications where space is limited: * **Load Switching:** Turning on/off power to specific sub-circuits in mobile devices. * **Battery Management:** Protection circuits to prevent over-discharge or reverse polarity. * **DC-DC Converters:** Used in the "high-side" switch position of buck converters. * **Power Management:** Integrated into laptops, cell phones, and portable chargers. --- ### ### Sample Circuit Implementation To use this part as a switch, the Gate is usually pulled down to ground via a resistor or a small N-channel MOSFET. ```cpp // Logic Representation of FST6435 Switching if (Gate_Voltage < (Source_Voltage - Threshold)) { Switch_Status = "ON"; // Current flows from Source to Drain } else { Switch_Status = "OFF"; // High impedance state } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a P-Channel and N-Channel MOSFET?
    • ⤷ How do I calculate power dissipation for the FST6435?
    • ⤷ What are the common alternatives to the FST6435 in a TSOP-6 package?