Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST7230SL

  • AI
    The **FST7230SL** is a high-power, high-frequency Schottky Barrier Rectifier module, typically used in industrial power supplies and conversion systems. It is characterized by its "Twin Tower" or "Dual Die" package configuration. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Device Type** | Schottky Diode / Rectifier | | **Configuration** | Common Cathode (Dual) | | **Max Average Forward Current ($I_{F(AV)}$)** | 300 Amperes (150A per leg) | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 30 Volts | | **Max Forward Voltage Drop ($V_F$)** | ~0.60V - 0.70V (at rated current) | | **Operating Temperature Range** | -55°C to +150°C | | **Package Type** | PowerBase / Flat base (SL package) | --- ### 2. Major Electronic Components & Features The FST7230SL is built using specific semiconductor technologies to handle high-current loads: * **Schottky Barrier Technology:** Unlike standard P-N junction diodes, it uses a metal-to-semiconductor junction. This results in a much lower forward voltage drop and extremely fast switching speeds. * **Guard Ring Die Construction:** The internal silicon dies usually incorporate a "Guard Ring" for transient protection, which improves the ruggedness of the device against voltage spikes (high $dv/dt$). * **Common Cathode Design:** The module contains two diodes sharing a single cathode (usually the baseplate or a center terminal), allowing it to function as a center-tap rectifier in power transformers. * **Isolated/Non-Isolated Base:** Depending on the specific suffix, the baseplate is designed for high thermal conductivity to move heat away from the silicon dies to an external heatsink. --- ### 3. Applications Due to its high amperage and low voltage drop, the FST7230SL is commonly found in: 1. **Switch Mode Power Supplies (SMPS):** Used in the secondary rectification stage. 2. **Welding Equipment:** Handling the high current output required for arc welding. 3. **Battery Chargers:** Efficiently converting AC to DC for large industrial battery banks. 4. **Reverse Polarity Protection:** Protecting high-power circuits from incorrect battery connection. --- ### 4. Implementation Considerations ```markdown # Design Tips for FST7230SL 1. Thermal Management: Because it handles up to 300A, a massive heatsink and thermal paste are mandatory. 2. Paralleling: Ensure equal trace lengths to prevent one diode from "thermal runaway" if current isn't balanced. 3. Voltage Overhead: With a 30V limit, ensure your circuit spikes do not exceed this threshold; otherwise, use a snubber circuit. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FST7230 and the FST7245 models?
    • ⤷ How do I calculate the heat dissipation requirements for this diode?
    • ⤷ Can this module be used in a full-bridge rectifier configuration?