FST7240SL
AI

The **FST7240SL** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Quartz Crystal Oscillator**. These components are fundamental in electronics for providing a stable frequency reference or "heartbeat" for microprocessors and digital circuits.
---
### 1. Key Technical Specifications
Below are the typical technical parameters for the FST7240SL series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Quartz Crystal / Oscillator |
| **Package Type** | SMD (Surface Mount Device) |
| **Dimensions** | Often 7.0mm x 5.0mm (standard "7050" size) |
| **Frequency Range** | Varies by sub-model (Commonly 4MHz to 54MHz) |
| **Load Capacitance** | Typically 12pF to 20pF |
| **Frequency Tolerance** | ±10ppm to ±50ppm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
### 2. Physical Construction
The "SL" suffix usually indicates a **Seam Sealed** or **Low Profile** design. The internal parts include:
1. **Quartz Crystal Blank:** A precision-cut piece of synthetic quartz that vibrates at a specific frequency when voltage is applied (Piezoelectric effect).
2. **Ceramic Base:** Provides high insulation and thermal stability.
3. **Metal Lid:** Hermetically sealed to protect the internal crystal from moisture and atmospheric pressure changes.
4. **Gold-Plated Pads:** Located on the bottom for soldering onto a PCB (Printed Circuit Board).
---
### 3. Functional Role in a Circuit
The FST7240SL acts as a **Timing Reference**. It is used in conjunction with an internal or external oscillator circuit to:
* Synchronize data transmission in communication modules.
* Provide the clock signal for Microcontrollers (MCUs).
* Maintain accurate timekeeping in RTC (Real-Time Clock) applications.
---
### 4. Code Representation (Typical Pinout)
While crystals are often 2-pin or 4-pin, a standard 4-pin SMD layout for this footprint follows this logic:
```c
/*
FST7240SL Typical 4-Pin Configuration:
Pin 1: Crystal Terminal 1 / NC
Pin 2: Ground (GND) / Case Ground
Pin 3: Crystal Terminal 2 / Output
Pin 4: Vcc (if active oscillator) / GND
*/
```
---
- ⤷
What is the difference between a passive crystal and an active oscillator in the FST series?
- ⤷ How do I calculate the load capacitance for an FST7240SL circuit?
- ⤷ What are the common failure modes for SMD quartz crystals?