Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST7245SL

  • AI
    The **FST7245SL** is a high-performance Schottky Barrier Rectifier diode. It is commonly utilized in power supplies and industrial equipment for rectification and protection purposes due to its high efficiency and low voltage drop. --- ## 1. Technical Specifications The following table outlines the core electronic parameters of the FST7245SL: | Parameter | Value | Description | | :--- | :--- | :--- | | **$V_{RRM}$** | 45 V | Repetitive Peak Reverse Voltage | | **$I_{F(AV)}$** | 70 A | Average Forward Current | | **$V_{F}$** | ~0.70 V | Maximum Forward Voltage Drop | | **$I_{FSM}$** | 800 A | Peak Forward Surge Current (8.3ms) | | **$T_j$ Range** | -55 to +150 °C | Operating Junction Temperature | | **Package Type** | TO-249 (ISOTOP) | Isolated base power module | --- ## 2. Key Features * **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction to achieve extremely fast switching speeds and low power loss. * **Common Cathode Configuration:** The "SL" suffix usually indicates a specific internal wiring, often a dual-diode setup where the cathodes are tied together. * **Low Thermal Resistance:** The package is designed to be mounted directly to a heatsink, facilitating efficient heat dissipation for high-current applications. * **Guard Ring Protection:** Includes internal guard rings for stress protection and long-term reliability against transient voltages. --- ## 3. Typical Applications The FST7245SL is primarily integrated into systems requiring high current and fast recovery: 1. **Switching Power Supplies (SMPS):** Used in the output rectification stage to convert high-frequency AC to DC. 2. **Free-Wheeling Diodes:** Used in motor control circuits to protect components from voltage spikes when inductive loads are switched off. 3. **Battery Chargers:** Efficiently handles high charging currents with minimal heat generation. 4. **Reverse Polarity Protection:** Prevents damage to sensitive electronics if a power source is connected backwards. --- ## 4. Connection Diagram (Internal) The FST7245 series typically features a dual-diode internal structure: ```text Terminal 1 (Anode 1) ----|>|----| |---- Terminal 2 (Common Cathode) Terminal 3 (Anode 2) ----|>|----| ```
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the FST7245SL at full 70A load?
    • ⤷ Can this diode be used in a full-bridge rectifier configuration?
    • ⤷ What is the leakage current behavior of the FST7245SL at high temperatures?