Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST7340M

  • AI
    The **FST7340M** is a high-performance, N-channel power MOSFET designed primarily for switching applications, power management, and DC-DC conversion. It is characterized by its low on-resistance and high current handling capabilities. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the FST7340M: | Parameter | Symbol | Typical Value | |:---|:---:|:---| | **Drain-Source Voltage** | $V_{DSS}$ | 40V | | **Continuous Drain Current** | $I_D$ | 70A - 90A (Package dependent) | | **Static On-Resistance** | $R_{DS(on)}$ | ~3.5mΩ - 5.0mΩ (@ $V_{GS}$ = 10V) | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Total Gate Charge** | $Q_g$ | ~45nC - 60nC | | **Operating Temperature** | $T_j$ | -55°C to +150°C | --- ### 2. Major Electronic Components & Features #### A. Trench Technology The FST7340M typically utilizes **Trench MOSFET technology**. Unlike planar MOSFETs, the gate is formed in a vertical trench. This increases the cell density, which significantly lowers the $R_{DS(on)}$ (On-Resistance), allowing the device to carry high current with minimal heat loss. #### B. Built-in ESD Protection Many versions of this series include an integrated **Zener diode** between the Gate and Source. This protects the sensitive oxide layer of the gate from Electrostatic Discharge (ESD) and voltage spikes. #### C. Body Diode The device features an internal **Fast Recovery Body Diode**. This is critical for inductive load applications (like motors) as it provides a path for freewheeling current, preventing voltage spikes from destroying the transistor. --- ### 3. Pin Configuration & Internal Logic Most FST7340M units come in a **PDFN5x6** or **TO-252 (DPAK)** package. ```text _______ | D | D = Drain (High Current Path) |_______| G = Gate (Control Signal) | G | S | S = Source (Ground/Reference) --------- ``` 1. **Gate (G):** Controlled by a PWM signal or logic level to switch the device ON/OFF. 2. **Drain (D):** Connected to the load. 3. **Source (S):** Connected to the return path or ground. --- ### 4. Typical Applications * **DC-DC Converters:** Used in Buck or Boost converters for voltage regulation. * **Motor Control:** High current capability makes it ideal for H-bridge circuits. * **Battery Management Systems (BMS):** Used as a protection switch to connect/disconnect battery cells. * **Synchronous Rectification:** Used in power supplies to replace traditional diodes to improve efficiency.
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for FST7340M at maximum current?
    • ⤷ How does the gate threshold voltage affect its performance in 3.3V logic circuits?
    • ⤷ What are the common alternatives to the FST7340M in similar power ranges?