Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST7345M

  • AI
    The **FST7345M** is a high-power Schottky Barrier Rectifier module commonly used in industrial power supplies and motor control circuits. It is designed for high-frequency switching and low power loss. --- ### 1. Key Technical Specifications The part number reveals its primary capabilities: the **73** typically refers to the average forward current (per leg), and **45** refers to the maximum reverse voltage. | Parameter | Value | | :--- | :--- | | **Max Average Forward Current ($I_{F(AV)}$)** | 70A to 80A (Total 150A for the module) | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 45 Volts | | **Forward Voltage Drop ($V_F$)** | ~0.60V to 0.75V (Low loss) | | **Package Type** | TO-249 / Mini-Mod | | **Configuration** | Common Cathode | --- ### 2. Physical and Internal Construction The FST7345M consists of two power diodes integrated into a single package. * **Common Cathode Design:** The two internal diodes share a center terminal (the cathode), while the outer terminals serve as individual anodes. * **Case Material:** Usually encased in a rugged, isolated metal or plastic base designed for direct mounting onto a heat sink. * **Guard Ring:** It features a "Guard Ring" construction for transient protection, which improves reliability against voltage spikes. --- ### 3. Core Features and Benefits * **High Efficiency:** Because it is a Schottky diode, it has a much lower forward voltage drop compared to standard silicon diodes, reducing heat dissipation. * **Fast Switching:** Schottky diodes have virtually zero reverse recovery time ($t_{rr}$), making them ideal for high-speed switching power supplies. * **Thermal Stability:** Designed to operate at high temperatures (up to 150°C junction temperature) with proper heat sinking. --- ### 4. Common Applications 1. **Switching Power Supplies (SMPS):** Used in the output rectification stage to convert high-frequency AC to DC. 2. **Free-Wheeling Diodes:** Protects circuits from inductive spikes in motor controllers and relay drivers. 3. **Battery Chargers:** Efficiently handles high currents during the charging cycle. 4. **Reverse Polarity Protection:** Prevents damage if a power source is connected backwards in high-power systems. --- ### 5. Circuit Symbol (Example) In a schematic, this component is represented as two diodes meeting at a single point: ```text Anode 1 (Pin 1) ----|>|----| |---- Cathode (Pin 2 / Case) Anode 2 (Pin 3) ----|>|----| ```
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for the FST7345M at full load?
    • ⤷ Can this module be used in a bridge rectifier configuration?
    • ⤷ What is the difference between the FST7345M and a standard silicon rectifier?