FST80100
AI

The **FST80100** is a high-power Schottky Barrier Rectifier commonly used in power supply circuits. It is designed for applications requiring high efficiency and low power loss.
### 1. General Overview
The FST80100 is typically housed in a **TO-249** (also known as a "Half-Pak") or similar high-current package. It is a "common cathode" device, meaning it contains two diode chips inside a single module that share a center terminal.
---
### 2. Key Technical Specifications
Below are the typical electrical characteristics for the FST80100 series:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Max. Recurrent Peak Reverse Voltage** | $V_{RRM}$ | 100 V |
| **Max. Average Forward Current** | $I_{F(AV)}$ | 80 A (40A per leg) |
| **Max. Peak Forward Surge Current** | $I_{FSM}$ | 600 A |
| **Max. Forward Voltage Drop** | $V_F$ | 0.70 V - 0.84 V |
| **Operating Junction Temp Range** | $T_j$ | -55 to +175 °C |
---
### 3. Key Electronic Features
* **Schottky Barrier Technology:** Unlike standard silicon diodes, Schottky diodes use a metal-semiconductor junction. This results in a much lower forward voltage drop ($V_F$), which increases energy efficiency.
* **Guard Ring Protection:** Most FST80100 models include an internal guard ring for stress protection and long-term reliability against transient over-voltages.
* **High Frequency Operation:** Because Schottky diodes have negligible reverse recovery time ($t_{rr}$), they are ideal for high-speed switching power supplies.
* **Low Thermal Resistance:** The package is designed to be bolted directly to a heatsink, allowing it to dissipate the heat generated by 80 Amps of current.
---
### 4. Common Applications
Due to its high current rating and low voltage drop, the FST80100 is found in:
1. **Switching Mode Power Supplies (SMPS):** Used for output rectification.
2. **Solar Panels:** Acts as a bypass or blocking diode to prevent reverse current.
3. **Battery Chargers:** Efficiently handles high charging currents.
4. **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails.
---
### 5. Circuit Connection (Pinout)
In the standard dual-diode configuration:
* **Terminal 1:** Anode 1
* **Terminal 2:** Anode 2
* **Common Terminal (Base/Tab):** Cathode (Output)
```mermaid
graph LR
A1[Anode 1] --> D1|D| C[Common Cathode]
A2[Anode 2] --> D2|D| C
```
- ⤷
What are the cooling requirements for an FST80100 operating at full 80A capacity?
- ⤷ How does the forward voltage drop change as the temperature of the FST80100 increases?
- ⤷ Can the FST80100 be used in AC-to-DC bridge rectifiers for high-voltage mains?