FST8080
AI

The **FST8080** typically refers to a high-performance **Schottky Barrier Rectifier** (diode) module. It is widely used in power supplies, industrial controls, and high-frequency rectification due to its low power loss and high switching speeds.
---
## 1. Core Technical Specifications
The FST8080 belongs to the "Dual Center Tap" Schottky diode family. Here are the primary electronic characteristics:
| Parameter | Value (Typical) |
| :--- | :--- |
| **Max Average Forward Current ($I_{F(AV)}$)** | 80 Amps |
| **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 80 Volts |
| **Max Surge Current ($I_{FSM}$)** | 800 - 1000 Amps |
| **Forward Voltage Drop ($V_F$)** | ~0.70V to 0.85V |
| **Operating Temperature** | -55°C to +150°C |
| **Configuration** | Common Cathode (Dual Diode) |
---
## 2. Key Electronic Features
* **Low Forward Voltage:** Unlike standard silicon diodes (~1.1V), the FST8080 has a lower voltage drop, which significantly improves efficiency and reduces heat generation.
* **High Frequency Operation:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-speed switching power supplies.
* **Guard Ring Protection:** Most FST series diodes incorporate a guard ring for transient protection and high $dv/dt$ capability.
* **TO-249 / Half-Pak Packaging:** Usually housed in a robust, isolated or non-isolated metal/epoxy package designed for easy mounting to a heat sink.
---
## 3. Circuit Configuration
The FST8080 is often a "Dual Diode" component. Internally, the circuit looks like this:
```text
Terminal 1 (Anode 1) ----|>|----|
|---- Terminal 2 (Common Cathode)
Terminal 3 (Anode 2) ----|>|----|
```
This configuration is frequently used in **Full-Wave Rectifiers** and **OR-ing Diodes** for redundant power systems.
---
## 4. Common Applications
1. **Switching Power Supplies (SMPS):** Used on the secondary side of transformers for high-current output rectification.
2. **Battery Chargers:** Efficiently handles high charging currents with minimal heat loss.
3. **Solar Power:** Acts as a blocking diode to prevent reverse current flow at night.
4. **Converters:** DC-to-DC converters requiring high efficiency.
---
- ⤷
What are the heat dissipation requirements for the FST8080 at full load?
- ⤷ How does the FST8080 compare to a standard silicon rectifier in terms of efficiency?
- ⤷ Can the FST8080 be used in AC-to-DC bridge rectifier circuits?