FST8115
AI

The **FST8115** is a high-performance **Schottky Power Rectifier** (Diode) module, commonly used in high-frequency switching power supplies and power management circuits. It is designed for low power loss and high efficiency.
---
### ## Technical Specifications
The following table highlights the primary electrical characteristics of the FST8115:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **$V_{RRM}$** | 150V | Maximum Repetitive Peak Reverse Voltage |
| **$I_{F(AV)}$** | 80A | Average Forward Current (Total) |
| **$V_F$** | ~0.75V - 0.88V | Forward Voltage Drop (typical at rated current) |
| **$I_{FSM}$** | 600A - 800A | Peak Forward Surge Current (non-repetitive) |
| **$T_j$** | -55 to +175°C | Operating Junction Temperature Range |
| **Configuration** | Common Cathode | Dual diode center-tap configuration |
---
### ## Key Features
* **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction rather than a P-N junction, resulting in ultra-fast switching and low forward voltage.
* **High Temperature Stability:** Guard ring technology provides stress protection and prevents thermal runaway at high temperatures.
* **Low Power Loss:** Reduced voltage drop compared to standard diodes leads to higher energy efficiency in power conversion.
* **Packaging:** Usually found in a TO-249 or similar "Half-Pak" / "Mini-Mod" bolt-down package, which allows for superior heat dissipation directly to a heatsink.
---
### ## Typical Applications
The FST8115 is ideal for industrial-grade environments where high current and high speed are required:
1. **Switching Power Supplies (SMPS):** Used for rectification in the output stage.
2. **Free-Wheeling Diodes:** Protects circuits from voltage spikes in inductive loads (motors, solenoids).
3. **Battery Chargers:** Efficiently handles high current during the charging cycle.
4. **Reverse Battery Protection:** Prevents damage to electronics if power is connected with incorrect polarity.
---
### ## Equivalent/Alternative Parts
If the FST8115 is unavailable, the following components may serve as functional equivalents (ensure to verify package compatibility):
* **MBR80150:** Similar current/voltage rating in a different package.
* **STPS80150:** STMicroelectronics alternative for high-voltage Schottky applications.
- ⤷
What are the heat dissipation requirements for the FST8115 at full 80A load?
- ⤷ How does the FST8115 compare to a standard P-N junction rectifier in terms of switching speed?
- ⤷ Can you explain the 'Common Cathode' pinout configuration for this module?