Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST8220SL

  • AI
    The **FST8220SL** is a high-performance, low-profile power Schottky rectifier diode. It is primarily used in power supply circuits, battery chargers, and high-frequency switching applications due to its efficiency and fast recovery times. ### 1. Key Technical Specifications The FST8220SL is designed for high current density in a compact form factor. | Parameter | Value | | :--- | :--- | | **Component Type** | Schottky Barrier Rectifier | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 200V | | **Average Forward Current ($I_{F(AV)}$)** | 8.0 Amperes | | **Forward Voltage Drop ($V_F$)** | ~0.90V (at rated current) | | **Package Type** | SLP (Low Profile Power Surface Mount) | | **Operating Temperature** | -55°C to +175°C | --- ### 2. Functional Characteristics The FST8220SL stands out due to several specific electronic behaviors: * **Low Forward Voltage:** Unlike standard silicon diodes which have a 0.7V to 1.1V drop, this Schottky device minimizes power loss, leading to higher energy efficiency. * **High Surge Capability:** It is capable of handling high non-repetitive peak surge currents (typically up to 150A), protecting the circuit from sudden spikes. * **Guard Ring Protection:** The internal die often features a guard ring for stress protection and high $dv/dt$ capability, which improves long-term reliability. * **Low Power Loss:** Because it is a Schottky diode, it has negligible reverse recovery time ($t_{rr}$), making it ideal for high-speed switching. --- ### 3. Pinout and Internal Construction The FST8220SL is typically housed in an **SLP / TO-277** style package. This package is specifically engineered for superior thermal management. ```text [ CATHODE ] (Large heat sink tab) | | | | [A1] [A2] (Anode Pins) ``` * **Anodes:** Usually two pins connected internally to provide a path for the input current. * **Cathode:** A large underside metal pad that acts as both the output terminal and a heat sink to dissipate thermal energy into the PCB. --- ### 4. Common Applications Due to its 200V rating and 8A capacity, it is commonly found in: 1. **Switching Mode Power Supplies (SMPS):** Used for output rectification. 2. **DC-DC Converters:** Acts as a freewheeling diode. 3. **Reverse Polarity Protection:** Prevents damage if batteries or power sources are connected backwards. 4. **Solar Panels:** Used as a blocking diode to prevent battery discharge through the panels at night.
    ✨ Follow-up Questions
    • ⤷What are the thermal management requirements for the SLP package?
    • ⤷ How does the 200V rating compare to standard Schottky diodes?
    • ⤷ Can the FST8220SL be used in parallel for higher current applications?