FST8230SL
AI

The **FST8230SL** is a high-power Schottky Barrier Diode module, typically used in power supplies and industrial equipment. It is designed for high-frequency switching and low power loss.
---
### 1. Key Technical Specifications
The part number "8230" typically indicates the current and voltage ratings. Below is a summary of its core electrical characteristics:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Average Rectified Current ($I_F$)** | 80 Amperes | Total current capacity of the module. |
| **Peak Reverse Voltage ($V_{RRM}$)** | 30 Volts | Maximum repetitive reverse voltage. |
| **Forward Voltage Drop ($V_F$)** | ~0.50V - 0.60V | Low voltage drop for high efficiency. |
| **Operating Temperature** | -55°C to +150°C | Robust for industrial thermal environments. |
| **Configuration** | Common Cathode | Usually features two diodes in one package. |
---
### 2. Physical Construction and Package
The "SL" suffix and "FST" prefix generally refer to the physical footprint and the manufacturer's series (often related to GeneSiC or Microsemi architectures).
- **Package Type:** Usually a **TO-249** or a specialized low-profile power module.
- **Mounting:** Designed for heat sink mounting with a flat base to ensure efficient thermal dissipation.
- **Internal Design:** It utilizes a Schottky barrier (metal-to-semiconductor junction), which allows for much faster switching speeds compared to standard P-N junction diodes.
---
### 3. Functional Applications
Because of its low forward voltage and high-speed switching capabilities, the FST8230SL is commonly found in:
1. **Switch Mode Power Supplies (SMPS):** Used for output rectification to minimize heat and energy loss.
2. **Free-Wheeling Diodes:** Protecting circuits from inductive spikes in motor drives.
3. **Battery Chargers:** Efficiently directing current flow into high-capacity battery banks.
4. **Solar Inverters:** Used in bypass or blocking applications to prevent reverse current.
---
### 4. Advantages & Limitations
* **Pros:** Extremely fast recovery time (near zero), low power dissipation, and high current density.
* **Cons:** Low reverse voltage rating (30V), making it unsuitable for high-voltage AC mains rectification without a transformer. It is also sensitive to thermal runaway if not properly cooled.
- ⤷
What are the equivalent alternative parts for the FST8230SL?
- ⤷ How do I calculate the heat sink requirements for an 80A load?
- ⤷ Can this diode be used in a 48V system?