FST8320
AI

The **FST8320** is a specialized high-power electronic component, specifically a **Schottky Barrier Rectifier**. It is widely used in power management applications for high-frequency switching and low voltage drops.
---
### 1. General Overview
The FST8320 is part of the FST83xx series. It is designed to handle high currents while maintaining efficiency by minimizing thermal dissipation. It usually comes in a **TO-249** or similar high-power package, often featuring a common cathode or dual-diode configuration.
### 2. Technical Specifications
The table below highlights the primary electrical characteristics of the FST8320:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Maximum Peak Reverse Voltage ($V_{RRM}$)** | 20V | The maximum voltage the diode can withstand in reverse bias. |
| **Average Rectified Current ($I_{F(AV)}$)** | 80A | Total current capacity (usually 40A per leg). |
| **Forward Voltage Drop ($V_F$)** | ~0.45V - 0.55V | Low voltage drop compared to standard diodes. |
| **Operating Temperature Range** | -55°C to +150°C | Suitable for industrial environments. |
| **Package Type** | TO-249AA / Case 249 | High-power modular package. |
---
### 3. Key Features
* **Low Forward Voltage:** The Schottky technology allows for very low energy loss, which increases the efficiency of power supplies.
* **High Surge Capacity:** Capable of handling momentary high-current spikes without failing.
* **Fast Switching:** Because it is a Schottky diode, it has negligible reverse recovery time, making it ideal for high-speed switching power supplies (SMPS).
* **Guard Ring Protection:** Many versions include a guard ring for transient protection and improved long-term reliability.
---
### 4. Typical Applications
The FST8320 is commonly found in the following electronic circuits:
1. **Switching Power Supplies:** Used as an output rectifier to convert AC or high-frequency pulses to DC.
2. **Battery Chargers:** Efficiently handles high charging currents with minimal heat.
3. **Solar Panels:** Used as "freewheeling" or "blocking" diodes to prevent reverse current flow.
4. **Low Voltage Inverters:** Essential for converting DC power back to AC at high efficiency.
---
### 5. Symbol and Pinout (Dual Diode)
In most configurations, the FST8320 is a **Common Cathode** device:
```text
Terminal 1 (Anode 1) ----|>|----|
|---- Terminal 2 (Common Cathode)
Terminal 3 (Anode 2) ----|>|----|
```
- ⤷
What is the main difference between the FST8320 and the FST8345?
- ⤷ How does the TO-249 package assist with thermal management?
- ⤷ Can the FST8320 be used in series for higher voltage applications?