FST8420SL
AI

The **FST8420SL** is a high-performance, low-leakage Schottky barrier rectifier. It is commonly used in power management applications where efficiency and thermal stability are critical.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the FST8420SL:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 200V |
| **Average Forward Current** | $I_{F(AV)}$ | 80A (Total) |
| **Forward Voltage Drop** | $V_F$ | ~0.80V (at 40A per leg) |
| **Maximum Operating Temp** | $T_J$ | -55°C to +175°C |
| **Package Type** | Case | TO-249 (or PowerTap) |
### 2. Physical Structure and Pinout
The FST8420SL is typically configured as a **Common Cathode** dual-diode module. This means:
* **Two Anodes:** Separate input pins.
* **One Common Cathode:** Shared output connected to the base/mounting plate or a central terminal.
### 3. Core Features
* **Low Reverse Leakage:** Unlike standard Schottky diodes that suffer from high leakage at high temperatures, the "SL" (Low Leakage) series is designed to minimize power loss in the "off" state.
* **Guard Ring Protection:** Includes an internal guard ring for stress protection and high $dv/dt$ capability.
* **High Junction Temperature:** Rated up to 175°C, providing a larger safety margin for industrial power supplies.
* **Low Thermal Resistance:** The package is designed to transfer heat efficiently to a heatsink.
### 4. Common Applications
The FST8420SL is found in high-current, high-frequency environments:
* **Switching Power Supplies (SMPS):** Used for rectification on the output stage.
* **Free-Wheeling Diodes:** Protects circuits from inductive spikes in motor controllers.
* **Reverse Battery Protection:** Prevents damage if DC polarity is reversed.
* **Solar Inverters:** Used in string combiners or DC-DC converters.
---
### 5. Circuit Symbol (Example)
```text
Anode 1 (Pin 1) ----|>|----|
|---- Cathode (Common)
Anode 2 (Pin 3) ----|>|----|
```
- ⤷
What are the cooling requirements for the FST8420SL at full 80A load?
- ⤷ How does the 'SL' suffix specifically differ from the standard FST8420?
- ⤷ What are the recommended mounting torque specs for the TO-249 package?