Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST8445SL

  • AI
    ## Technical Overview: FST8445SL Schottky Rectifier The **FST8445SL** is a high-power Schottky Barrier Rectifier, typically housed in a low-profile, surface-mount power package (such as the TO-277 or similar PowerDI variants). It is designed for high-frequency switching and low power loss applications. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for this component: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Max Average Rectified Current** | $I_{O}$ | 8.0 | Amperes | | **Peak Repetitive Reverse Voltage** | $V_{RRM}$ | 45 | Volts | | **Forward Voltage Drop** (at 8A) | $V_{F}$ | ~0.50 - 0.58 | Volts | | **Peak Forward Surge Current** | $I_{FSM}$ | 120 - 150 | Amperes | | **Operating Junction Temp** | $T_{J}$ | -55 to +150 | °C | --- ### 2. Major Electronic Features * **Schottky Barrier Technology:** Unlike standard PN junction diodes, this part uses a metal-to-semiconductor junction. This results in a much lower forward voltage drop ($V_F$), which significantly reduces heat dissipation and improves efficiency. * **Fast Switching Speed:** Due to the absence of minority carrier storage, the reverse recovery time ($t_{rr}$) is negligible. This makes it ideal for high-speed pulse circuits. * **Guard Ring Protection:** Most parts in this series include a guard ring for transient protection and improved long-term reliability against high voltage stress. * **Low Profile Package:** The "SL" or similar suffixes often indicate a "Super Low" profile or specific surface-mount footprint designed for high-density power supply boards. --- ### 3. Common Applications The FST8445SL is primarily used in power management circuits where efficiency is critical: 1. **SMPS (Switched Mode Power Supplies):** Used as an output rectifier to convert AC high-frequency signals to DC. 2. **DC-DC Converters:** Acts as a freewheeling diode in buck or boost converters. 3. **Solar Panels:** Used as a bypass diode to prevent backflow and protect cells. 4. **Reverse Polarity Protection:** Protects sensitive electronics from batteries being connected incorrectly. --- ### 4. Comparison: Schottky vs. Standard Rectifier | Feature | FST8445SL (Schottky) | Standard Rectifier (Silicon) | | :--- | :--- | :--- | | **Forward Voltage** | Low (0.5V) | High (0.7V - 1.1V) | | **Switching Speed** | Ultra-Fast | Slow | | **Reverse Leakage** | Higher | Lower | | **Heat Generation** | Minimal | Significant | ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for an 8A load on the FST8445SL?
    • ⤷ Can this diode be used in a bridge rectifier configuration for 120V AC applications?
    • ⤷ How does the forward voltage drop change as the junction temperature increases?