Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FSTL05

  • AI
    ### FSTL05 Electronic Components Overview The **FSTL05** is a series of **fixed, wirewound power resistors** manufactured by companies like Vishay Dale. These components are designed for high-power applications where reliability and heat dissipation are critical. --- ### 1. Key Technical Specifications The FSTL05 series belongs to the lead-free, tubular wirewound category. Below are the typical specifications: | Feature | Specification | | :--- | :--- | | **Power Rating** | 5 Watts (at 25°C) | | **Resistance Range** | 0.1 Ω to 15 kΩ (typical) | | **Tolerance** | ±5% or ±10% | | **Temperature Coefficient** | ±260 ppm/°C to ±400 ppm/°C | | **Coating** | Lead-free flameproof silicone conformal coating | | **Construction** | Hollow ceramic core with wirewound element | --- ### 2. Internal Construction and Materials The FSTL05 is built using a specific layered approach to handle electrical stress: * **Core:** A high-purity ceramic (steatite) tube. The hollow center allows for better airflow and cooling. * **Element:** A copper-nickel alloy or nickel-chrome alloy resistive wire is wound around the core. * **Terminals:** Usually made of tinned copper-clad steel or stainless steel, designed for through-hole mounting or solder lugs. * **Coating:** A proprietary silicone resin that protects the wire from moisture and mechanical damage while remaining flameproof. --- ### 3. Primary Applications Because the FSTL05 can handle 5 watts of power, it is commonly found in the following circuits: 1. **Voltage Dividers:** Used to scale down high voltages to manageable levels. 2. **Current Limiting:** Prevents damage to sensitive components by restricting the flow of current. 3. **Discharge Resistors:** Used in power supplies to bleed off energy from large capacitors after power is disconnected. 4. **Load Testing:** Acts as a dummy load in low-power electronic testing. --- ### 4. Mounting and Thermal Management The "FSTL" designation often refers to **Fixed Stacked Lug** or similar mounting styles. * **Heat Dissipation:** These resistors operate at high temperatures. It is recommended to leave at least 0.5 inches of space between the resistor and other components. * **Derating:** If the ambient temperature exceeds 25°C, the power rating must be "derated" (reduced) according to the manufacturer's curve to prevent failure. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FSTL05 and the standard FS series resistors?
    • ⤷ How do I calculate the derating curve for a 5-watt wirewound resistor?
    • ⤷ Are there surface-mount (SMD) equivalents to the FSTL05?