Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FSTL10

  • AI
    It appears you are referring to the **FSTL10**, which is more commonly known in the electronics industry by its official part number prefix: **FSL106HR** or **FSL106MR** (manufactured by ON Semiconductor/Fairchild). These parts belong to the **Green Mode Fairchild Power Switch (FPS)** family, integrated pulse-width modulation (PWM) controllers specifically designed for high-performance offline Switch Mode Power Supplies (SMPS) with minimal external components. --- ### 1. Key Components & Features The FSTL10/FSL106 series integrates several complex electronic stages into a single 8-pin package: | Feature | Description | | :--- | :--- | | **Integrated SenseFET** | A rugged high-voltage MOSFET (usually 650V) built into the chip to handle power switching. | | **PWM Controller** | An internal control circuit that regulates output voltage by modulating the switching frequency. | | **Burst Mode Operation** | To minimize standby power consumption, the chip enters "Burst Mode" during low-load conditions. | | **Frequency Hopping** | Reduces EMI (Electromagnetic Interference) by spreading the switching noise across a wider spectrum. | --- ### 2. Technical Specifications Typical values for the FSL106 (FSTL10) series: | Parameter | Value | | :--- | :--- | | **Drain-Source Voltage ($V_{DS}$)** | 650V | | **Switching Frequency** | 67 kHz | | **Maximum Output Power** | 10W - 15W (depending on input voltage/adapter type) | | **Operating Current** | 1.3 mA (Low operating current) | | **Startup Current** | 100 µA | --- ### 3. Protection Mechanisms The chip is highly regarded for its "Self-Protection" features, which prevent the circuit from burning out during a fault: 1. **Overload Protection (OLP):** Shuts down the system if the output power exceeds a safe limit. 2. **Over-Voltage Protection (OVP):** Protects the secondary side components if the feedback loop fails. 3. **Thermal Shutdown (TSD):** Internal sensors shut down the chip if the junction temperature exceeds $140^\circ\text{C}$. 4. **Soft-Start:** Gradually increases the power during startup to prevent stress on the components. --- ### 4. Typical Applications The FSTL10 series is primarily found in small electronics that require high efficiency and small footprints: * **SMPS for VCRs, SVRs, STBs, DVD & DVCD Players.** * **Adapters** for small portable electronics. * **Auxiliary Power Supplies** for home appliances (fridges, washing machines). --- ### 5. Internal Logic Diagram (Simplified) ```mermaid graph LR A[AC Input] --> B[Rectifier/Bridge] B --> C[FSTL10 / FSL106] C --> D[SenseFET Switch] D --> E[Transformer] E --> F[DC Output] F -.-> G[Feedback Loop/Optocoupler] G -.-> C ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the FSL106HR and FSL106MR variants?
    • ⤷ How does frequency hopping help in reducing EMI for this specific chip?
    • ⤷ What are the common failure symptoms of a power supply using the FSTL10?