FSTL12
AI

It appears there may be a slight typographical error in the part number provided. Based on common industry components, you are likely referring to the **FSL126HR** (a Green Mode Fairchild Power Switch) or a similar series of **PWM Controllers**.
If you are referring to a specific biological marker or a very niche component, please clarify. Below is the technical breakdown for the **FSL126 series**, which is the most prominent electronic component matching that string.
---
### ## Technical Overview: FSL126HR / FSL12 series
The FSL126 is an integrated **Pulse Width Modulator (PWM)** and **SenseFET** specifically designed for high-performance offline Switch Mode Power Supplies (SMPS) with minimal external components.
### ### Key Specifications
| Parameter | Description | Typical Value |
| :--- | :--- | :--- |
| **Internal MOSFET** | Avalanche Rugged SenseFET | 650V |
| **Operating Current** | Low Operating Current | 1.8mA |
| **Switching Frequency** | Fixed Internal Frequency | 67 kHz |
| **Package Type** | Through-hole / SMD | 8-DIP / 8-LSOP |
| **Standby Power** | Burst Mode for Low Standby | < 100mW at 265VAC |
---
### ## Internal Block Components
This electronic part integrates several discrete functions into a single silicon chip:
1. **Precision Oscillator:** Provides the 67kHz clock for switching logic.
2. **High Voltage Startup Circuit:** Allows the device to power up directly from the rectified AC line, eliminating the need for an external start-up resistor.
3. **Built-in Soft Start:** Gradually increases the PWM duty cycle to prevent transformer saturation and reduce stress on the secondary diode during power-up.
4. **Protection Circuitry:**
* **Overload Protection (OLP):** Shuts down if the load exceeds limits.
* **Over-Voltage Protection (OVP):** Protects against feedback loop failures.
* **Thermal Shutdown (TSD):** Shuts down if the junction temperature exceeds 135°C.
---
### ## Typical Application Circuit
The part is primarily used in **Flyback Converters**. Below is a conceptual representation of the pin connections:
```c
Pin 1: VFB (Feedback input for PWM control)
Pin 2: VCC (Supply voltage for internal IC)
Pin 3: VSTR (High voltage startup pin)
Pin 4: Drain (Internal SenseFET Drain connection)
Pin 5: Drain (Internal SenseFET Drain connection)
Pin 6: GND (Ground / Source connection)
Pin 7: GND (Ground / Source connection)
Pin 8: GND (Ground / Source connection)
```
---
### ## Use Cases
* **Battery Chargers:** Mobile phones, cordless phones, and power tools.
* **Adapters:** Power supplies for routers, modems, and small electronics.
* **Auxiliary Power:** Used in appliances (washers, refrigerators) to power the control board.
- ⤷
Could you confirm if you meant the FSL126HR or a different part number?
- ⤷ Do you need a schematic diagram for a flyback converter using this chip?
- ⤷ What specific voltage and current requirements are you designing for?