Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FSTMABL

  • AI
    It appears you are referring to the **FST-MABL** (often associated with the **FST-MABL-A** series), which is a common part numbering convention for specific **AC Magnetic Braking systems** used in industrial motors and lifting equipment. These systems are electromagnetic assemblies designed to stop or hold a motor shaft in place when power is removed. Below is a breakdown of the electronic and electromechanical components. --- ## 1. Core Electronic & Electromechanical Components The FST-MABL assembly consists of several key parts that work together to convert electrical energy into mechanical braking force. | Component | Function | Material/Type | | :--- | :--- | :--- | | **Electromagnetic Coil** | Generates the magnetic field when energized to release the brake. | Copper windings with resin encapsulation. | | **Armature Plate** | A movable metal plate attracted by the coil's magnetic field. | Ferromagnetic Steel. | | **Friction Disc** | The wear-part that provides the physical stopping force. | Asbestos-free friction material. | | **Rectifier (Optional)** | Converts AC supply to DC for the coil (if the brake is DC-actuated). | Bridge Rectifier (Diodes). | | **Compression Springs** | Provides the mechanical force to apply the brake when power is cut. | High-tension spring steel. | --- ## 2. Technical Operating Principles ### Power-Off Braking (Fail-Safe) The FST-MABL is typically a **fail-safe** design. 1. **De-energized State:** The compression springs push the armature plate against the friction disc, locking the motor shaft. 2. **Energized State:** When the electronic coil receives voltage, it creates a magnetic field that pulls the armature plate away from the disc, allowing the motor to rotate freely. ### Voltage Specifications These units are usually rated for specific industrial voltages: * **AC Voltages:** 220V, 380V, or 440V. * **DC Voltages:** 90V or 180V (often used in conjunction with an external rectifier). --- ## 3. Maintenance and Failure Points When troubleshooting the electronic parts of an MABL unit, focus on these three areas: ### A. Coil Resistance If the brake fails to release, the coil may be "open" (burnt out). * **Test:** Use a multimeter to check the resistance (Ohms). A reading of infinity indicates a failed coil. ### B. Air Gap (δ) The distance between the coil body and the armature plate. * **Electronic Impact:** If the air gap is too wide due to friction disc wear, the magnetic field will not be strong enough to pull the armature, causing the motor to stall or the coil to overheat. ### C. Rectifier Failure In DC-actuated models, a shorted diode in the rectifier will prevent the coil from receiving the correct voltage, leading to a "chattering" sound or complete failure to release. ---
    ✨ Follow-up Questions
    • ⤷ What is the standard air gap measurement for the FST-MABL-A series?
    • ⤷ How do I wire a half-wave vs. full-wave rectifier for this brake?
    • ⤷ What are the common symptoms of a failing electromagnetic coil in industrial brakes?