FSTU3384WM
AI

## Technical Overview of the FSTU3384WM
The **FSTU3384WM** is a high-speed CMOS 10-bit bus switch designed for 5V or 3.3V power supply applications. It is part of the Fairchild (now ON Semiconductor) **FSTU** series, featuring "Undershoot Hardened" circuitry.
---
### 1. Key Features and Specifications
The following table summarizes the primary electrical characteristics of the FSTU3384WM:
| Parameter | Specification |
| :--- | :--- |
| **Type** | 10-Bit Bus Switch |
| **Operating Voltage ($V_{CC}$)** | 4.0V to 5.5V |
| **On-State Resistance ($R_{on}$)** | 4$\Omega$ (Typical) |
| **Propagation Delay** | < 0.25 ns |
| **Package Type** | SOIC (Wide), 24-lead |
| **Special Feature** | Undershoot Hardened (to -2V) |
| **Enable Control** | Low-Enable ($\overline{OE}$) |
---
### 2. Functional Description
The device consists of ten high-speed CMOS switches. It is organized as two banks of five switches (1-5 and 6-10). Each bank is controlled by an Output Enable ($\overline{OE}$) signal.
* **When $\overline{OE}$ is LOW:** The switches are closed, allowing a low-resistance connection between Port A and Port B.
* **When $\overline{OE}$ is HIGH:** The switches are open, creating a high-impedance (Hi-Z) state between the ports.
---
### 3. Critical Electronic Characteristics
#### A. Undershoot Hardened Circuitry
The "U" in FSTU stands for Undershoot Hardened. Standard CMOS switches can experience "latch-up" or data corruption if the input signal drops below ground (negative voltage spikes). The FSTU3384WM includes specialized circuitry to prevent the switch from turning on during undershoot events down to **-2.0V**.
#### B. Low Propagation Delay
Because the device acts as a simple FET switch rather than a buffer/driver, it does not add significant propagation delay. The delay is primarily determined by the RC time constant of the On-Resistance ($R_{on}$) and the load capacitance ($C_L$).
#### C. Bus Swapping and Isolation
It is commonly used for:
* **Hot-Plugging:** Isolating a bus during live insertion.
* **Voltage Translation:** With a diode in series with $V_{CC}$, it can be used to interface 5V signals with 3.3V logic levels.
---
### 4. Pinout Configuration
The FSTU3384WM typically follows this pin arrangement in its 24-pin SOIC package:
```text
+--\/--+
/OE1 |1 24| VCC
B1 |2 23| B10
A1 |3 22| A10
A2 |4 21| A9
B2 |5 20| B9
B3 |6 19| B8
A3 |7 18| A8
A4 |8 17| A7
B4 |9 16| B7
B5 |10 15| B6
A5 |11 14| A6
GND |12 13| /OE2
+------+
```
- ⤷
How does the Undershoot Hardened feature prevent latch-up in digital circuits?
- ⤷ What is the specific method for using this chip for 5V to 3.3V level translation?
- ⤷ What are the power consumption benefits of using a bus switch versus a standard buffer?