FSUSB22QSC
AI

## Overview of the FSUSB22QSC
The **FSUSB22QSC** is a high-speed, low-power USB 2.0 switch produced by ON Semiconductor (formerly Fairchild). It is designed to allow a single USB port to switch between two different USB devices or controllers.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | 2:1 Mux/Demux (Double-Pole, Double-Throw) |
| **Interface Standard** | USB 2.0 (High Speed, Full Speed, Low Speed) |
| **Operating Voltage ($V_{CC}$)** | 3.0V to 3.6V |
| **Bandwidth** | 750 MHz |
| **On Resistance ($R_{ON}$)** | 6.5 $\Omega$ (Typical) |
| **Package Type** | QSC20 (Quarter Size Outline Package) |
---
### 2. Functional Description
The device acts as a high-speed analog switch. It is transparent to the USB data stream due to its high bandwidth and low capacitance.
* **D+/D- Routing:** It routes the differential data signals (D+ and D-) from one common port to one of two selected ports.
* **Selection Control:** A digital input pin (**S**) determines which path is active.
* **Enable Pin ($\overline{OE}$):** An Output Enable pin allows the user to disconnect all paths (High-Z state) to save power or isolate the bus.
---
### 3. Pin Configuration (Common QSC20 Pins)
The following table highlights the critical pins for integration:
| Pin Name | Type | Description |
| :--- | :--- | :--- |
| **$V_{CC}$** | Power | Supply Voltage (3.3V typical) |
| **GND** | Power | Ground |
| **S** | Input | Select Input (Low = Port 1, High = Port 2) |
| **$\overline{OE}$** | Input | Output Enable (Active Low) |
| **$D+/D-$** | I/O | Common USB Data Pins |
| **$nD+/nD-$** | I/O | Switched USB Data Pins (where n is 1 or 2) |
---
### 4. Typical Applications
* **Mobile Handsets:** Switching a Micro-USB port between a PC data connection and a dock/accessory.
* **Laptops:** Routing internal USB signals to different modules (e.g., Wi-Fi or Bluetooth cards).
* **Embedded Systems:** Sharing a single USB controller between two different sensors or peripherals.
---
### 5. Implementation Considerations
When designing a PCB with the FSUSB22QSC, keep these factors in mind:
1. **Impedance Matching:** Maintain 90 $\Omega$ differential impedance for D+/D- traces.
2. **Decoupling:** Use a 0.1 $\mu$F ceramic capacitor as close to the $V_{CC}$ pin as possible.
3. **ESD Protection:** While the chip has internal ESD protection, additional external diodes are often recommended for user-facing ports.
- ⤷
What is the difference between FSUSB22 and FSUSB30?
- ⤷
Can this chip be used for charging path switching in addition to data?
- ⤷
How does the 750 MHz bandwidth impact signal integrity for USB 2.0 High Speed?