FT-R31
AI

The **FT-R31** is a high-performance fiber optic sensor head manufactured by **Keyence**. It belongs to the thrubeam type fiber sensor category, specifically designed for liquid level detection or presence sensing in tight spaces.
---
### 1. Core Technical Specifications
The electronic and physical performance of the FT-R31 is characterized by the following parameters:
| Feature | Specification |
| :--- | :--- |
| **Fiber Type** | Thrubeam (Emitter and Receiver separate) |
| **Fiber Diameter** | ø1.0 mm × 2 |
| **Fiber Length** | 2 meters (Standard) |
| **Minimum Bend Radius** | R2 mm (High-flexibility) |
| **Detecting Distance** | Depends on the connected Amplifier (e.g., FS-N series) |
| **Environmental Resistance** | IP67 (Waterproof/Dustproof) |
---
### 2. Key Electronic Components & Materials
The FT-R31 is a passive component, meaning it does not have internal circuitry like a transistor. Instead, it relies on optical physics and material science to interface with an electronic amplifier.
#### A. Optical Fiber Core (The Data Path)
* **Material:** Plastic (Polymethyl Methacrylate - PMMA).
* **Function:** Conducts the light beam from the amplifier's LED to the sensing point. The core is designed for low attenuation to ensure high signal-to-noise ratios.
#### B. The Sensor Head (Optical Interface)
* **Housing:** Typically stainless steel or high-grade plastic.
* **Lens System:** The R31 uses a side-view or space-saving layout. The internal prism or lens redirects the light 90 degrees or focuses it into a narrow beam to detect small objects.
#### C. Fiber Sheathing
* **Material:** Polyethylene (PE) or Fluororesin.
* **Electronic Importance:** Provides electrical insulation and prevents electromagnetic interference (EMI) from affecting the light path, which is a primary advantage over traditional copper-wire sensors.
---
### 3. Electronic Integration (Amplifier Unit)
To function, the FT-R31 must be connected to an **Amplifier Unit** (such as the Keyence **FS-N40** or **FS-V30** series). The electronic process follows this chain:
1. **Light Emission:** The amplifier’s internal LED (usually Red) pulses light into the FT-R31 emitter fiber.
2. **Transmission:** Light travels through the fiber core via total internal reflection.
3. **Reception:** The FT-R31 receiver fiber catches the light and returns it to the amplifier’s **photodiode**.
4. **Signal Conversion:** The photodiode converts the light intensity into an electrical voltage/current.
5. **Output:** The amplifier’s CPU compares this value to a threshold and triggers a digital output (PNP/NPN).
---
### 4. Application Advantages
* **EMI Immunity:** Since the "part" in the sensing area is purely optical fiber, it is immune to electrical noise from motors or high-voltage lines.
* **Explosion Proof:** No electrical current flows through the FT-R31 head, making it safe for hazardous environments.
* **Compact Form Factor:** The R-series (Radial/Side-view) allows for installation in electronic assembly lines where vertical space is limited.
- ⤷
What is the maximum sensing distance of the FT-R31 when used with an FS-N41 amplifier?
- ⤷ How does the bend radius of R2 mm affect the light attenuation in the fiber?
- ⤷ What are the primary differences between the FT-R31 and the FT-R43 model?