FT221XS-R
AI

The **FT221XS-R** is a compact, high-performance USB-to-8-bit Wide FIFO interface chip developed by **FTDI Chip**. It belongs to the FT-X series, designed to reduce component count and PCB footprint by integrating many external functions onto the chip.
---
### ## 1. Key Technical Specifications
Below is a breakdown of the primary electrical and physical characteristics of the FT221XS-R.
| Parameter | Specification |
|:---|:---|
| **Interface** | USB 2.0 Full Speed to 8-bit Wide FIFO |
| **Data Rate** | Up to 11 MB/s (FIFO) |
| **Operating Voltage** | +3.3V to +5.25V |
| **I/O Voltage Support** | +1.8V to +3.3V |
| **Package Type** | SSOP-20 (Shrink Small Outline Package) |
| **Internal Memory** | 512 bytes MTP (Multi-Time Programmable) |
| **Clock Source** | Integrated (No external crystal required) |
---
### ## 2. Core Functional Blocks
The FT221XS-R integrates several hardware blocks that typically require external components in older designs:
1. **Integrated Clock Circuit:** Unlike older USB chips, it does not require an external crystal, saving board space and cost.
2. **USB Transceiver:** Includes the physical layer (PHY) for USB 2.0 Full Speed communication.
3. **512-Byte MTP Memory:** Used for storing the USB VID, PID, serial number, and product description strings. This can be programmed in-circuit over USB.
4. **Voltage Regulator:** An internal 3.3V LDO regulator allows the chip to be powered directly from the USB 5V VBUS while providing power to the internal logic.
5. **Configurable CBUS Pins:** Includes 2 multi-function I/O pins that can be configured for tasks like driving status LEDs or sending sleep/wake signals.
---
### ## 3. Interface and Connectivity
The FT221XS-R uses a **synchronous or asynchronous FIFO** protocol to communicate with an external MCU or FPGA.
* **FIFO Pins:** `D0` through `D7` (8-bit data bus).
* **Control Signals:**
* `RXF#`: Receiver Full (Data available to be read).
* `TXE#`: Transmitter Empty (Ready to accept data).
* `RD#`: Read trigger.
* `WR#`: Write trigger.
---
### ## 4. Application Example (Circuit Concept)
The following represents a simplified connection logic for the FT221XS-R:
```text
[ USB Connector ] <-----> [ FT221XS-R ] <-----> [ Microcontroller/FPGA ]
(VBUS/D+/D-) (FIFO Bus) (8-bit Parallel I/O)
(CBUS Pins) (Status/Interrupts)
```
**Common use cases include:**
* Upgrading legacy parallel designs to USB.
* High-speed data acquisition systems.
* MCU/FPGA to PC communication where high throughput is required.
* USB Industrial Control interfaces.
---
- ⤷
How does the FT221XS-R compare to the FT232R in terms of data throughput?
- ⤷ What software drivers are required to communicate with the FT221XS-R on Windows or Linux?
- ⤷ Can the MTP memory be programmed using a standard USB cable?