AI

## Overview of the FT231XQ-R
The **FT231XQ-R** is a popular USB-to-Full-Handshake UART interface chip developed by Future Technology Devices International (FTDI). It belongs to the FT-X series, designed to reduce component count and PCB space by integrating many functions that previously required external components.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Interface** | USB 2.0 Full Speed (12Mbps) |
| **UART Data Rates** | 300 baud to 3 Mbaud |
| **Package** | 20-pin QFN (3mm x 3mm) |
| **Supply Voltage** | 3.3V to 5.25V |
| **I/O Voltage** | 1.8V to 3.3V (VCCIO) |
| **Internal Memory** | 2048 Byte MTP Memory |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Core Functional Blocks
The FT231XQ-R integrates several critical electronic sections into a single silicon die:
* **Integrated Clock Circuit:** Unlike older chips, it does not require an external crystal or resonator. It uses an internal clock generation system.
* **Internal MTP Memory:** It contains Multi-Time Programmable (MTP) memory for storing USB Vendor ID (VID), Product ID (PID), and device description strings.
* **Voltage Regulator:** Includes a 3.3V LDO regulator to power the internal logic and provide a reference for the USB transceiver.
* **USB Transceiver:** Integrated physical layer (PHY) that handles the differential signaling (D+/D-) for USB communication.
* **UART Interface:** Supports hardware flow control (RTS/CTS, DTR/DSR) and various data formats (7 or 8 data bits, 1 or 2 stop bits).
---
### 3. Pin Configuration Categories
The 20-pin QFN package distributes functions as follows:
1. **Power & Ground:**
* `VCC`: Main power input.
* `VCCIO`: Input for setting the logic level of the UART pins (allows 1.8V, 2.5V, or 3.3V logic).
* `3V3OUT`: Output from the internal regulator.
* `GND`: Ground connection (including the center thermal pad).
2. **USB Interface:**
* `USBDP / USBDM`: The D+ and D- differential pair.
3. **UART Interface:**
* `TXD / RXD`: Transmit and Receive data.
* `RTS# / CTS# / DTR# / DSR# / DCD# / RI#`: Full modem handshake control signals.
4. **CBUS Pins:**
* `CBUS0 to CBUS3`: Configurable I/O pins that can be programmed for functions like LED drive (TX/RX indicators), Clock Out, or BCD (Battery Charger Detection).
---
### 4. Implementation Example (Basic Hookup)
To use the FT231XQ-R in a design, the following minimal circuit is typically required:
```mermaid
graph LR
USB_Connector -- D+/D- --> FT231XQ-R
FT231XQ-R -- TXD/RXD --> Microcontroller
FT231XQ-R -- CBUS --> Status_LEDs
Power_Source -- 5V --> FT231XQ-R_VCC
```
---
### 5. Unique Features: Battery Charger Detection (BCD)
One of the standout electronic features of the FT231X series is the ability to detect the presence of a USB charging port. It can signal to the rest of the system (via CBUS pins) whether it is connected to a standard PC USB port or a high-current dedicated charging port, allowing for optimized power management.
- ⤷
What are the differences between the FT231X and the FT232R?
- ⤷ How do I program the internal MTP memory for a custom VID/PID?
- ⤷ Can the FT231XQ-R be used for bit-banging I/O?