AI

## Overview of the FT231XS-R
The **FT231XS-R** is a compact, cost-effective **USB to Full Handshake UART** interface integrated circuit (IC) developed by FTDI Chip. It belongs to the X-Chip series, designed to reduce component count and PCB space by integrating many external functions.
---
### 1. Key Technical Specifications
The table below highlights the primary electrical and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Interface** | USB 2.0 Full Speed (12Mbps) |
| **Data Rate** | 300 baud to 3 Mbaud |
| **Operating Voltage** | 3.3V to 5.25V |
| **I/O Voltage** | 1.8V to 3.3V (VCCIO) |
| **Package** | 20-pin SSOP (Shrink Small Outline Package) |
| **Operating Temp** | -40°C to +85°C |
| **Internal Clock** | Fully integrated (No external crystal required) |
| **MTP Memory** | 2048 Bytes (For storing USB descriptors/strings) |
---
### 2. Internal Electronic Components
The FT231X series is known for its high level of integration, which simplifies the surrounding circuit design.
* **Integrated Clock Circuit:** Unlike older USB-UART chips, it does not require an external crystal or resonator, saving space and cost.
* **Integrated LDO Regulator:** It features a 3.3V Low Dropout regulator to power the USB transceiver and internal logic.
* **MTP (Multi-Time Programmable) Memory:** Used to store the USB Vendor ID (VID), Product ID (PID), and device strings. This can be programmed in-circuit via USB.
* **Battery Charger Detection:** A unique feature that detects the presence of a USB charging port, allowing for higher current charging (up to 1.8A) if connected to a dedicated charger.
---
### 3. Pinout Functions
The 20-pin SSOP package is organized to handle both the USB physical layer and the UART signaling.
| Pin Type | Examples | Description |
| :--- | :--- | :--- |
| **USB Signals** | USBDP, USBDM | Differential pair for USB data communication. |
| **UART Signals** | TXD, RXD, RTS, CTS | Standard asynchronous serial data and flow control. |
| **Handshaking** | DTR, DSR, DCD, RI | Full modem control signals. |
| **CBUS Pins** | CBUS0 - CBUS3 | Configurable I/O pins for LED indicators or clock output. |
| **Power** | VCC, VCCIO, GND | Supply voltage and I/O interface voltage level setting. |
---
### 4. Typical Application Circuit
To use the FT231XS-R, very few external components are needed:
1. **Decoupling Capacitors:** Usually 0.1uF and 4.7uF on the VCC pins.
2. **USB Connector:** Standard Type-B, Mini-B, or Micro-B.
3. **Resistors:** 27 Ohm resistors are sometimes placed on USBDP/USBDM lines for impedance matching, though the chip integrates many of these protections.
```text
[USB Port] <---> [FT231XS-R] <---> [Microcontroller UART]
|
[MTP Memory] (Internal)
```
- ⤷
What are the main differences between the FT232R and the FT231X series?
- ⤷ How do I configure the CBUS pins for LED status indicators?
- ⤷ Can the FT231XS-R be used for bit-banging applications?