AI

## Overview of FT240XQ-R
The **FT240XQ-R** is a compact USB-to-parallel FIFO interface chip developed by FTDI Chip. It is part of the **FT-X series**, designed to bridge a USB 2.0 Full Speed interface with a standard 8-bit parallel FIFO bus.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Interface** | USB 2.0 Full Speed (12Mbps) to 8-bit Parallel FIFO |
| **Package** | 24-pin QFN (Lead-free) |
| **FIFO Buffer** | 512 Byte Receive / 512 Byte Transmit |
| **Operating Voltage** | 3.3V to 5.25V |
| **Data Rate** | Up to 1 MB/s |
| **Internal Clock** | Fully integrated (No external crystal required) |
| **MTP Memory** | 2048 Bytes for storing device descriptors/CBUS |
---
### 2. Major Component Subsystems
#### A. The USB Transceiver and Serial Interface Engine (SIE)
This section handles the physical USB signaling (D+ and D-). The SIE manages the low-level USB protocol, including data integrity checks and handshake signals, removing the need for the user to write complex USB firmware.
#### B. FIFO Control Logic
The FT240X manages the flow of data between the USB buffer and the external 8-bit bus. It uses specific control signals:
* **RXF#**: When low, indicates that there is data available in the FIFO to be read.
* **TXE#**: When low, indicates that the FIFO is ready to accept data for transmission.
* **RD# / WR#**: Used by the external MCU/FPGA to read from or write to the buffers.
#### C. CBUS I/O Pins
There are multi-function "CBUS" pins that can be configured for different tasks, such as:
* Driving status LEDs (TX/RX activity).
* Clock output (6MHz, 12MHz, or 24MHz) to drive an external MCU.
* Battery Charger Detection (BCD) to identify if the device is plugged into a dedicated charging port.
#### D. Internal Voltage Regulator
The chip includes a **3.3V LDO regulator**. This allows the chip to operate from a 5V USB bus power supply while providing a regulated 3.3V output for internal logic and external low-power components.
---
### 3. Typical Pinout Functions (24-pin QFN)
| Pin Type | Name | Description |
| :--- | :--- | :--- |
| **Power** | VCC / VCCIO | Main power and I/O voltage level supply. |
| **USB** | USBDP / USBDM | USB Positive and Negative differential data signals. |
| **Data** | D0 - D7 | 8-bit bidirectional FIFO data bus. |
| **Control** | RD#, WR#, RXF#, TXE# | Handshaking and strobe signals for data transfer. |
| **Config** | RESET# / CBUS | Device reset and configurable I/O functions. |
---
### 4. Use Cases
* **Legacy Port Replacement:** Converting older parallel designs to USB.
* **MCU-to-PC Communication:** Rapidly adding USB functionality to a microcontroller without a native USB peripheral.
* **FPGA Interfacing:** Providing a simple 8-bit bus for FPGAs to stream data to a computer.
---
- ⤷
What is the difference between the FT240X and the FT245R?
- ⤷ How do I configure the CBUS pins using FTDI software?
- ⤷ Can this chip be powered directly from a 5V USB port without external regulators?