FT240XS-R
AI

The **FT240XS-R** is a compact USB-to-Parallel FIFO interface IC developed by FTDI Chip. It is part of the FT-X series, designed to reduce component count and PCB space by integrating many functions that previously required external components.
---
## 1. Key Technical Specifications
The following table highlights the primary electrical and functional characteristics of the FT240XS-R:
| Parameter | Specification |
| :--- | :--- |
| **Interface** | USB to 8-bit Parallel FIFO |
| **USB Speed** | USB 2.0 Full Speed (12Mbps) |
| **FIFO Buffer** | 512 Byte Receive / 512 Byte Transmit |
| **Operating Voltage** | 3.3V to 5.25V |
| **I/O Voltage** | 1.8V to 3.3V (Logic levels) |
| **Package** | 24-pin SSOP |
| **Internal Clock** | Integrated (No external crystal required) |
| **MTP Memory** | 2048 Bytes (For storing USB descriptors) |
---
## 2. Core Electronic Components & Features
### A. Integrated Clock Circuit
Unlike older USB-to-Serial chips, the FT240XS-R does not require an external crystal or ceramic resonator. It features an internal clock generation circuit, which reduces the BOM (Bill of Materials) cost and saves PCB space.
### B. Internal MTP Memory
It includes 2048 bytes of Multi-Time Programmable (MTP) memory. This is used to store:
* USB Vendor ID (VID) and Product ID (PID).
* Device serial strings.
* Power descriptor data (Bus-powered vs. Self-powered).
### C. Voltage Regulation
The chip integrates a **+3.3V LDO regulator**. This allows the device to operate on a 5V USB bus while providing a regulated 3.3V output to power its own internal logic and potentially low-power external components.
### D. Battery Charger Detection
One unique feature of the "X-series" is the ability to detect the presence of a USB Battery Charging (BC) compliant port. This allows a device to draw higher currents (up to 1.5A) for faster charging if connected to a dedicated charging port.
---
## 3. Pinout Functional Groups
The FT240XS-R pins can be categorized into four functional groups:
1. **USB Interface:** `USBDP` and `USBDM` (Differential pair for data).
2. **FIFO Data Bus:** `D0` through `D7` (The 8-bit parallel data path).
3. **Control Lines:**
* `RXF#`: Receiver Full (Data available to read).
* `TXE#`: Transmitter Empty (Ready to accept data).
* `RD#`: Read trigger.
* `WR#`: Write trigger.
4. **CBUS Pins:** Configurable I/O pins that can be programmed for functions like LED drive, Clock output, or Sleep status.
---
## 4. Typical Application Circuitry
To implement this chip, you typically only need a few passive components:
* **Decoupling Capacitors:** 0.1μF and 4.7μF on the VCC and VCCIO pins.
* **Pull-up Resistors:** Usually required on the `RESET#` line if not driven by a microcontroller.
* **USB Connector:** Standard Type-C or Micro-B wired to the `USBDP/DM` lines.
- ⤷
What are the main differences between the FT240X and the FT245R?
- ⤷ How do you program the internal MTP memory of the FT240XS?
- ⤷ What is the maximum data throughput achievable with the FT240XS-R?