AI

The **FT313HQ-R** is a high-speed USB 2.0 Host Controller developed by FTDI (Future Technology Devices International). It is specifically designed to allow embedded systems (like microcontrollers) to act as a USB Host, enabling them to communicate with USB peripherals such as flash drives, keyboards, and mice.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **USB Standard** | USB 2.0 High Speed (480Mbps) & Full Speed (12Mbps) |
| **Interface Type** | 8-bit or 16-bit Parallel Bus (SRAM-like interface) |
| **Endpoints** | Supports up to 4 bidirectional endpoints |
| **Internal Memory** | 24 KB Configurable RAM for data buffering |
| **Supply Voltage** | 3.3V (with 5V tolerant I/O) |
| **Package** | 64-pin QFN (High Quality, Tape & Reel) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Major Functional Components
The FT313HQ-R architecture consists of several critical electronic blocks that manage the complexity of the USB protocol:
#### A. USB Host Controller Engine
This block handles the low-level USB signaling, including packet framing, CRC generation, and handshaking. It manages the scheduling of transactions (Bulk, Interrupt, and Isochronous).
#### B. Parallel Host Interface
Unlike chips that use SPI or I2C, the FT313HQ uses a **parallel interface**. This allows for high-speed data transfers between the system CPU and the USB controller, making it suitable for bandwidth-intensive tasks like video or large file transfers.
#### C. Built-in Clock Multiplier
It typically uses a 12MHz or 19.2MHz crystal. An internal **Phase-Locked Loop (PLL)** multiplies this frequency to the 480MHz required for USB High-Speed operations.
#### D. Power Management
The chip includes a power-on-reset circuit and the ability to put the USB bus into "Suspend" mode to save energy, which is vital for battery-operated embedded devices.
---
### 3. Pinout & Connectivity Highlights
- **DATA[15:0]:** The bidirectional data bus for communication with the Microcontroller (MCU).
- **AD[1:0]:** Address lines used to access internal registers.
- **WR_N / RD_N:** Write and Read strobe signals.
- **CS_N:** Chip Select signal.
- **DM / DP:** The differential pair lines that connect directly to the USB Port.
---
### 4. Typical Application Circuit
To use the FT313HQ-R, the hardware designer usually follows this basic integration path:
1. **MCU Connection:** Connect the 8/16-bit data bus to the MCU's external memory interface (EMIF or FSMC).
2. **Clocking:** Attach a 12MHz Crystal to the XTIN/XTOUT pins.
3. **USB Port:** Connect the DP/DM lines to a USB Type-A female connector with appropriate ESD protection.
4. **Firmware:** Implement a USB Host Stack on the MCU to manage the FT313HQ registers.
- ⤷
What are the main differences between the FT313H and the FT311D USB Host chips?
- ⤷ Can the FT313HQ-R support multiple USB devices via a hub?
- ⤷ What are the power consumption requirements for the FT313HQ-R in High-Speed mode?