FTG-14-R
AI

The **FTG-14-R** is a specific type of electronic component typically categorized as a **Fine-Pitch, Board-to-Board (BtB) or Board-to-FPC Connector**. These components are essential in modern compact electronics like smartphones, tablets, and wearables where space is at a premium.
---
### 1. Key Technical Specifications
The "14" in the part number generally refers to the **pin count** (14 positions), while the "R" often signifies the packaging type (Reel) or a specific orientation.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Board-to-Board / Board-to-FPC Connector |
| **Pin Count** | 14 Pins |
| **Pitch** | Typically 0.35mm to 0.5mm (Ultra-fine pitch) |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **Mated Height** | Low profile (usually 0.6mm to 1.0mm) |
| **Contact Material** | Copper Alloy with Gold Plating (for conductivity and anti-corrosion) |
---
### 2. Functional Electronic Parts
The FTG-14-R is comprised of several critical sub-elements that define its electrical performance:
#### A. Contact Terminals
* **Material:** Phosphor bronze or copper alloy.
* **Plating:** Gold plating is used on the contact points to ensure low contact resistance and to prevent oxidation over time.
* **Function:** They provide the electrical path between the motherboard and the peripheral (like a camera module or screen).
#### B. Insulator Body (Housing)
* **Material:** High-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer).
* **Function:** It holds the pins in precise alignment and prevents short circuits between adjacent pins. It must withstand the high heat of lead-free reflow soldering.
#### C. Solder Tabs (Nails)
* **Function:** Located at the ends of the connector, these metal tabs are soldered to the PCB to provide mechanical strain relief, ensuring the connector doesn't pull off the board during plugging/unplugging.
---
### 3. Application Examples
Because of its small footprint and 14-pin configuration, this part is commonly used for:
* **Camera Modules:** Connecting a small CMOS sensor to the main PCB.
* **Display Links:** Connecting small LCD or OLED touch panels.
* **Sensor Arrays:** Linking fingerprint scanners or proximity sensors.
* **Battery Connections:** In devices where the battery uses a flex cable instead of wires.
---
### 4. Handling and Soldering
Due to the microscopic nature of the pins, specific precautions must be taken:
```yaml
Soldering_Method: Reflow Soldering only
Stencil_Thickness: 0.08mm - 0.10mm (recommended)
Inspection: Automated Optical Inspection (AOI) or X-Ray required
```
- ⤷What is the exact pitch measurement for the FTG-14-R series?
- ⤷ Which manufacturer produces the FTG-14-R connector?
- ⤷ Can this connector be used for high-speed data transmission like USB 3.0?