AI

The **FTG-3F-R/Q** is a specific electronic component typically classified within the category of **High-Voltage Ignition Transformers** or **Ignition Modules**, commonly used in gas-fired appliances like water heaters, boilers, and industrial burners.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The "R/Q" suffix usually denotes specific variations in lead lengths, connector types, or mounting brackets, but the core electronic performance remains consistent.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 120V AC or 220V-240V AC (Model dependent) |
| **Output Voltage** | >15kV (Peak) |
| **Frequency** | 50/60 Hz |
| **Duty Cycle** | Intermittent (e.g., 25% or 33% at 3 mins) |
| **Output Type** | High-frequency spark discharge |
| **Number of Poles** | Single or Dual pole (usually single for this series) |
---
### 2. Core Electronic Components
The internal circuitry of the FTG-3F series is designed to convert standard line voltage into a high-intensity spark capable of igniting fuel.
* **Primary Coil:** Low-turn copper winding that receives the input AC voltage.
* **Secondary Coil:** High-turn, ultra-fine copper winding that steps up the voltage to the kilovolt range via electromagnetic induction.
* **Encapsulation (Epoxy):** The internal electronics are potted in a high-dielectric epoxy resin to prevent internal arcing and provide moisture resistance.
* **Safety Thermal Fuse:** Often includes an internal thermal cutoff to prevent the unit from melting if the ignition cycle gets "stuck" in the ON position.
---
### 3. Wiring and Connection Interface
The unit typically features a standardized wiring color code for integration into HVAC control boards:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Black** | Hot (Line) | AC Power Input |
| **White** | Neutral | AC Common |
| **Green/Yellow** | Ground | Chassis Earth (Crucial for spark return path) |
| **High Voltage Lead** | Spark Output | Thick insulated wire ending in a boot or terminal |
---
### 4. Application Logic
In a standard system, the electronics function as follows:
1. **Trigger:** The main control board sends 120V/240V to the FTG-3F.
2. **Induction:** The transformer steps up the voltage instantaneously.
3. **Spark Gap:** The high voltage travels to the electrode, jumping a gap to the burner (ground), creating a plasma arc.
4. **Rectification/Flame Sense:** Once the flame is lit, the control board usually stops power to the FTG-3F to prevent premature component failure.
---
### 5. Troubleshooting Common Electronic Failures
* **Weak Spark:** Often caused by carbon buildup on the electrode or a breakdown in the secondary winding insulation.
* **No Spark (Humming):** Indicates the primary coil is receiving power, but the secondary side is shorted or grounded internally.
* **Cracked Housing:** If the epoxy housing cracks, the high-voltage electricity will "leak" to the nearest metal surface instead of the electrode.
- ⤷
What are the safety precautions when testing high-voltage ignition transformers?
- ⤷ How can I test the resistance of the primary and secondary coils with a multimeter?
- ⤷ What is the difference between the 'R' and 'Q' variants in this specific model series?