Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FTG-U1-R

  • AI
    The **FTG-U1-R** is an industrial-grade **Fiber Optic to USB 2.0 Converter** (often categorized as a Media Converter or Transceiver). It is primarily used to bridge high-speed USB data signals over optical fiber cables to provide electrical isolation and extend transmission distances. --- ## 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface (Input)** | USB 2.0 (Type A or B depending on sub-revision) | | **Interface (Output)** | Fiber Optic (Typically SFP slot or fixed SC/ST) | | **Data Rate** | Up to 480 Mbps (USB High-Speed) | | **Fiber Type** | Multi-mode or Single-mode (Transceiver dependent) | | **Operating Voltage** | 5V DC (Often bus-powered or external adapter) | | **Isolation** | Optical Isolation (KV range) | --- ## 2. Key Electronic Components The device's internal circuitry is designed for signal integrity and conversion. Its main electronic parts include: ### A. USB Controller / Bridge IC This is the "brain" of the device. It handles the USB protocol stack and prepares the data for serial conversion. It ensures that the connected PC recognizes the device as a standard USB port without needing custom drivers. ### B. Serializer/Deserializer (SerDes) Since USB signals are differential electrical signals, they must be converted into a serial bitstream suitable for light pulsing. The SerDes chip high-speed logic converts parallel data into a serial format for the optical engine. ### C. Optical Transceiver (TOSA/ROSA) * **TOSA (Transmitter Optical Sub-Assembly):** Converts electrical signals into light (Laser or LED). * **ROSA (Receiver Optical Sub-Assembly):** Detects incoming light and converts it back into electrical pulses. ### D. Power Management Circuitry Includes **Voltage Regulators (LDOs)** and **TVS Diodes**. These components protect the sensitive optical components from power surges and ensure a stable 3.3V or 5V rail from the USB bus. --- ## 3. Functions and Applications ### Why use the FTG-U1-R? 1. **EMI/RFI Immunity:** Because fiber optic cable uses light, it is immune to electromagnetic interference, making it ideal for factory floors or medical imaging rooms (MRI). 2. **Distance Extension:** Standard USB cables are limited to 5 meters. The FTG-U1-R can extend this to 500 meters (Multi-mode) or several kilometers (Single-mode). 3. **Total Electrical Isolation:** It prevents ground loops between the host PC and the remote peripheral, protecting expensive equipment from electrical faults. ### Common Use Cases * **Industrial Automation:** Connecting PLCs or sensors to a central server. * **Medical:** Connecting USB cameras or diagnostic tools in sterile, high-interference environments. * **Military:** Secure data transmission where copper cables could be intercepted or tapped.
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance for the FTG-U1-R using single-mode fiber?
    • ⤷ Does this device require specific software drivers for Windows 10/11?
    • ⤷ Can the FTG-U1-R support USB 3.0 devices at reduced speeds?