FTR-K3JB005W
AI

## FTR-K3JB005W Electronic Part Overview
The **FTR-K3JB005W** is a high-capacity power relay manufactured by **Fujitsu Components**. It is specifically designed for high-current applications such as automotive systems, renewable energy (inverters), and industrial controls.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Fujitsu Components |
| **Series** | FTR-K3 |
| **Contact Form** | 1 Form A (SPST-NO) |
| **Nominal Coil Voltage** | 5V DC |
| **Max Switching Current** | 25A |
| **Max Switching Voltage** | 250V AC / 30V DC |
| **Contact Material** | Silver Tin Oxide (AgSnO2) |
| **Mounting Type** | PCB Through-Hole |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Physical and Structural Design
* **Construction:** The unit is "Plastic Sealed," meaning it is designed to resist environmental contaminants and soldering fluxes.
* **Insulation:** It features a high insulation distance (creepage and clearance) between the coil and contacts, typically around **8.5mm**, providing a high dielectric strength (approx. 5,000V AC).
* **Internal Circuitry:** As a DC-actuated relay, it uses an electromagnetic coil to close a mechanical switch.
---
### 3. Pinout and Diagram Logic
While specific pin layouts are found in the datasheet, the general logic follows:
```text
[Coil Pin 1] ----( Coil )---- [Coil Pin 2]
[Contact A] ----( Switch )--- [Contact B]
```
### 4. Typical Applications
* **Photovoltaic (PV) Inverters:** Used for grid disconnection and AC output control.
* **Automotive Electronics:** Handling high-current loads like heaters or fans.
* **Power Supplies:** Serving as a primary power switch or protection circuit.
* **Home Appliances:** High-power units like air conditioners and water heaters.
---
### 5. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **FTR-K3** | Series Name (High Capacity Power Relay) |
| **J** | Contact Material / High Heat Resistance |
| **B** | Plastic Sealed Type |
| **005** | Nominal Coil Voltage (5 Volts) |
| **W** | Contact Gap / Special Specification |
- ⤷
What is the power consumption of the 5V coil in this relay?
- ⤷ How does AgSnO2 contact material compare to AgNi in terms of durability?
- ⤷ Is there a compatible 12V or 24V version in this same series?