FTR-K3JB005W-HC
AI

The **FTR-K3JB005W-HC** is a high-capacity, miniature power relay manufactured by **Fujitsu Components**. It is specifically designed for high-current switching in space-constrained environments, such as solar inverters and industrial power supplies.
---
### 1. Key Technical Specifications
The following table outlines the critical electrical and mechanical parameters of the device:
| Parameter | Specification |
| :--- | :--- |
| **Contact Arrangement** | 1 Form A (SPST-NO) |
| **Coil Voltage** | 5V DC |
| **Switching Current (Max)** | 33A |
| **Switching Voltage (Max)** | 250V AC |
| **Contact Material** | Silver Tin Oxide (AgSnO2) |
| **Power Consumption** | Approx. 780 mW |
| **Insulation Distance** | 8.5mm (Clearance/Creepage) |
| **Dielectric Strength** | 5,000V AC (between coil and contacts) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the specific features of this variant:
* **FTR-K3**: Series designation (High-capacity power relay).
* **JB**: Specific contact structure/rating (Heavy duty).
* **005**: Nominal coil voltage (5V DC).
* **W**: Contact material/type (Standard power type).
* **HC**: High Current version (optimized for 33A loads).
---
### 3. Core Features & Advantages
* **High Inrush Capability:** Designed to handle significant surges without welding the contacts, making it ideal for capacitive or inductive loads.
* **Safety Compliance:** Meets international standards for reinforced insulation, providing high galvanic isolation between the low-voltage control side (coil) and the high-voltage load side.
* **Low Profile:** Despite its 33A rating, it maintains a compact PCB footprint, saving board real estate.
* **Cadmium Free:** Uses Silver Tin Oxide contacts, which are environmentally friendly and compliant with RoHS regulations.
---
### 4. Common Applications
Due to its high current rating and reliability, this relay is frequently found in:
1. **Solar Inverters:** Used as a grid-connection relay (AC side).
2. **Electric Vehicle (EV) Charging:** Integrated into Level 1 and Level 2 AC chargers.
3. **Uninterruptible Power Supplies (UPS):** Handling power path switching.
4. **Smart Grids:** Power distribution and smart meter switching.
- ⤷
What are the PCB mounting footprint dimensions for this relay?
- ⤷ How does the 'HC' variant differ from the standard FTR-K3 series?
- ⤷ What is the expected mechanical life cycle (operations) for this part?