FTR-K3JB006W-HC
AI

The **FTR-K3JB006W-HC** is a high-capacity power relay manufactured by Fujitsu. It is specifically designed for high-current applications, making it common in the power electronics industry, particularly for solar inverters and industrial power supplies.
---
### ## Technical Specifications
The following table summarizes the key electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | Power Relay (Electromechanical) |
| **Contact Form** | 1 Form A (SPST-NO - Normally Open) |
| **Coil Voltage** | 6 VDC |
| **Contact Rating (Resistive)** | 25A @ 250 VAC / 30 VDC |
| **Max. Switching Power** | 6,250 VA / 750 W |
| **Contact Material** | Silver Tin Oxide (AgSnO2) |
| **Coil Power Consumption** | Approx. 780 mW |
| **Mounting Type** | Through Hole (PCB) |
| **Operating Temperature** | -40°C to +85°C |
---
### ## Key Features
1. **High Current Capacity (-HC):** The "HC" suffix denotes a High Capacity version, capable of handling up to 25 Amperes. This is significantly higher than standard miniature relays.
2. **Reinforced Insulation:** It features a high insulation distance (clearance/creepage) between the coil and contacts (min. 8.5mm), providing safety in high-voltage circuits.
3. **Low Profile:** Despite its power rating, the physical height is kept low (approx. 15.7mm) to fit in slim electronic assemblies.
4. **High Surge Strength:** Designed to withstand surges of up to 10,000V between coil and contacts.
---
### ## Internal Diagram & Pinout
While the physical layout is standard for the FTR-K3 series, the internal logic is as follows:
```text
[Coil Pin 1] ----( Coil )---- [Coil Pin 2]
[Common Pin] ----/ /---- [Normally Open Pin]
(Switch)
```
### ## Common Applications
* **Renewable Energy:** Main switching component in solar inverters.
* **HVAC Systems:** Controlling high-power compressors or heaters.
* **Industrial Automation:** Switching heavy motor loads or power distribution units.
* **EV Charging:** Used in AC charging stations for power disconnection.
---
- ⤷
What are the equivalent alternative relays from other manufacturers like Omron or TE?
- ⤷ What is the recommended footprint and hole size for PCB layout?
- ⤷ How does the 'AgSnO2' contact material benefit high-inrush current applications?